Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AVR550U Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part No. AVR550U
Description  AVR Series 120V 550VA 300W Ultra-Compact Line-Interactive UPS with USB port
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AVR550U Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  AVR550U_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AVR550U_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AVR550U_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved AVR550U_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 83 to 147
Overvoltage Correction
Input voltages between 128 and 147 are reduced by 12%
Undervoltage Correction
Input voltages between 83 and 104 are boosted by 14%
LEDS ALARMS & SWITCHES
LED Indicators
2 LEDs indicate power status and overload/check battery status
Audible Alarm
Audible alarm indicates power-failure and overload status
Switches
Combination switch controls on/off power status and self-test operation
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
420
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
1 line TEL/DSL (1 in / 1 out)
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower; Ultra-compact desktop
Primary Form Factor
Desktop
UPS Power Module Dimensions
(hwd, in.)
UPS Power Module Dimensions
(hwd, cm)
8.9 x 28.6 x 15.2
UPS Power Module Weight (lbs.)
8.8
UPS Power Module Weight (kg)
4
UPS Shipping Dimensions (hwd / in.)
4.8 x 13.5 x 8.8
UPS Shipping Dimensions (hwd /
cm)
12.1 x 34.3 x 22.2
Shipping Weight (lbs.)
9.4
Shipping Weight (kg)
4.3
UPS Housing Material
ABS
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
3 / 4


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn