Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20ETS12FP Datasheet(PDF) 5 Page - International Rectifier

Part # 20ETS12FP
Description  SURFACE MOUNTABLE INPUT RECTIFIER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETS12FP Datasheet(HTML) 5 Page - International Rectifier

  20ETS12FP Datasheet HTML 1Page - International Rectifier 20ETS12FP Datasheet HTML 2Page - International Rectifier 20ETS12FP Datasheet HTML 3Page - International Rectifier 20ETS12FP Datasheet HTML 4Page - International Rectifier 20ETS12FP Datasheet HTML 5Page - International Rectifier 20ETS12FP Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
20ETS..FP
SAFEIR Series
Bulletin I2134 rev. C 03/99
www.irf.com
20
E
T
S
16
FP
Device Code
1
5
24
3
Ordering Information Table
1
-
Current Rating
2
-
Circuit Configuration:
E = Single Diode
3
-
Package:
T = TO-220AC
4
-
Type of Silicon:
S = Standard Recovery Rectifier
5
-
Voltage code: Code x 100 = V
RRM
6
-
TO-220 FULLPAK
08 = 800V
12 = 1200V
16 = 1600V
1
CATHODE
ANODE
3
2
6
OutlineTable
5°± 0.5°
R0.5
R0.7 (2 PLACES)
3.1
HOLE ø 3.4
10.4
0.7
TYP.
5°± 0.5°
0.9
2.54 TYP.
2.54
10.6
0.48
2.85
2.8
1.4
1.15
1.05
1.3
0.44
2.65
2.6
TYP
10°
Dimensions in millimeters


Similar Part No. - 20ETS12FP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20ETS12FP VISHAY-20ETS12FP Datasheet
134Kb / 7P
   Input Rectifier Diode, 20 A
Revision: 04-Aug-08
logo
Inchange Semiconductor ...
20ETS12FP ISC-20ETS12FP Datasheet
263Kb / 2P
   Input Rectifier Diode
logo
Vishay Siliconix
20ETS12FPPBF VISHAY-20ETS12FPPBF Datasheet
134Kb / 7P
   Input Rectifier Diode, 20 A
Revision: 04-Aug-08
More results

Similar Description - 20ETS12FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWS IRF-8EWS Datasheet
199Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
8EWS08S IRF-8EWS08S Datasheet
202Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
logo
Vishay Siliconix
8EWS08SPBF VISHAY-8EWS08SPBF Datasheet
532Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
8EWS16SPBF VISHAY-8EWS16SPBF Datasheet
155Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
VS-8EWS16SLHM3 VISHAY-VS-8EWS16SLHM3 Datasheet
120Kb / 5P
   High Voltage Surface Mount Input Rectifier Diode, 8 A
Revision: 22-Feb-18
VS-8EWS12SLHM3 VISHAY-VS-8EWS12SLHM3 Datasheet
123Kb / 5P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
Revision: 22-Feb-18
logo
International Rectifier
8EWS08SPBF IRF-8EWS08SPBF Datasheet
213Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
logo
Vishay Siliconix
VS-8EWS08S-M3 VISHAY-VS-8EWS08S-M3 Datasheet
170Kb / 7P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
Revision: 19-Jan-17
VS-8EWS12SLHM3 VISHAY-VS-8EWS12SLHM3_V01 Datasheet
154Kb / 6P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
01-Jan-2022
VS-8EWS08S-M3 VISHAY-VS-8EWS08S-M3_V01 Datasheet
134Kb / 6P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com