Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P600D Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # P600D
Description  6.0A Axial Leaded Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

P600D Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  P600D Datasheet HTML 1Page - SUNMATE electronic Co., LTD P600D Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
3
4
5
T , AMBIENT TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
A
6
7
8
25
0
50
75
100
125
150
175
200
0
0.1
1.0
100
0.6
1.0
1.4
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2, Typical Forward Characteristics
F
10
0.2
0
Pulse Width = 300 s
2% Duty Cycle
µ
T = 25ºC
j
10
100
1000
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
f = 1MHz
j
0
100
200
300
400
500
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Maximum Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
2of2


Similar Part No. - P600D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P600D PANJIT-P600D Datasheet
50Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
logo
Vishay Siliconix
P600D VISHAY-P600D Datasheet
80Kb / 5P
   General Purpose Plastic Rectifier
Revision: 13-Aug-13
logo
Won-Top Electronics
P600D WTE-P600D Datasheet
43Kb / 4P
   6.0A STANDARD DIODE
logo
CHENG-YI ELECTRONIC CO....
P600D CHENG-YI-P600D Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
P600D TRSYS-P600D Datasheet
144Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
More results

Similar Description - P600D

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
6A05 SUNMATE-6A05 Datasheet
100Kb / 2P
   6.0A Axial Leaded Rectifier
MR750 SUNMATE-MR750 Datasheet
217Kb / 2P
   6.0A Axial Leaded Silicon Rectifier
BY296 SUNMATE-BY296 Datasheet
101Kb / 2P
   2.0A Axial Leaded Rectifier
ERA32-01 SUNMATE-ERA32-01 Datasheet
169Kb / 2P
   1.0A Axial Leaded Rectifier
1N5400 SUNMATE-1N5400 Datasheet
80Kb / 2P
   3.0A Axial Leaded Rectifier
FR201 SUNMATE-FR201 Datasheet
97Kb / 2P
   2.0A Axial Leaded Rectifier
RL201 SUNMATE-RL201 Datasheet
80Kb / 2P
   2.0A Axial Leaded Rectifier
PG201 SUNMATE-PG201 Datasheet
101Kb / 2P
   2.0A Axial Leaded Rectifier
PG1010 SUNMATE-PG1010 Datasheet
297Kb / 2P
   AXIAL LEADED RECTIFIER DIODES
GPP15A SUNMATE-GPP15A Datasheet
283Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com