Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

301U Datasheet(PDF) 4 Page - International Rectifier

Part # 301U
Description  STANDARD RECOVERY DIODES Stud Version
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

301U Datasheet(HTML) 4 Page - International Rectifier

  301U Datasheet HTML 1Page - International Rectifier 301U Datasheet HTML 2Page - International Rectifier 301U Datasheet HTML 3Page - International Rectifier 301U Datasheet HTML 4Page - International Rectifier 301U Datasheet HTML 5Page - International Rectifier 301U Datasheet HTML 6Page - International Rectifier 301U Datasheet HTML 7Page - International Rectifier 301U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
301U(R) Series
Outline Table
All dimensions in millimeters (inches)
Case Style
DO-205AB (DO-9)
301U
307U
IR Case Style B60
IR Case Style B61
305U
IR Case Style B41
309U
CERAMIC HOUSING
19 (0.75) MAX.
DIA. 8.7 (0.34) MAX.
3/4"-16UNF-2A
CERAMIC HOUSING
19 (0.75) MAX.
DIA. 8.5 (0.33)
3/4"-16UNF-2A
CERAMIC HOUSING
3/8"-16UNC-2A
3/4"-16UNF-2A
CERAMIC HOUSING
3/8"-24UNF-2A
3/4"-16UNF-2A
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - 301U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
301U IRF-301U Datasheet
267Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
301U VISHAY-301U Datasheet
175Kb / 8P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
logo
New Jersey Semi-Conduct...
301U NJSEMI-301U Datasheet
120Kb / 2P
   Standard Recovery Diodes
301U100 NJSEMI-301U100 Datasheet
149Kb / 1P
   Standard Recovery
301U100 NJSEMI-301U100 Datasheet
149Kb / 1P
   Standard Recovery
More results

Similar Description - 301U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com