Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

UPC8119T Datasheet(PDF) 6 Page - NEC

Part No. UPC8119T
Description  VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8119T Datasheet(HTML) 6 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6
µµµµPC8119T, µµµµPC8120T
TEST CIRCUIT1 (f = 950 MHz, both products in common)
VAGC
IN
1000 pF
1 pF
1000 pF
1000 pF
1000 pF
VCC
1000 pF
1000 pF
C4
C5
C3
C2
C6
C7
OUT
L
5 nH
Jumper wire
Output matching circuit
Vcc line low pass filter
C1
1
6
5
4
2, 3
ILLUSTRATION OF TEST CIRCUIT1 ASSEMBLED ON EVALUATION BOARD
VAGC
Jumper wire
C7
C2
C6
C5
C4
C3
C1
IN
VCC
L
OUT
COMPONENT LIST
Form
Symbol
Value
C1, C3 to C7
1000 pF
Chip capacitor
C2
1 pF
Note 1
Chip inductor
L
5 nH (10 nH
× 2 pcs parallel)Note2
Jumper wire
Jumper wire
5 nH
Notes 1. 1 pF : Murata Mfg. Co., Ltd. GR40CK010C
2. 10 nH : Murata Mfg. Co., Ltd. LQP31A10NG04


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn