Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8119T Datasheet(PDF) 5 Page - NEC

Part No. UPC8119T
Description  VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8119T Datasheet(HTML) 5 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
5
µµµµPC8119T, µµµµPC8120T
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, TA = +25°C, VCC = Vout = 3.0 V, ZS = ZL = 50
Ω, External matched output port)
µPC8119T
µPC8120T
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No signal, ICC = IVCC + Iout
7.5
11
15
7.5
11
15
mA
Maximum Power Gain
GPMAX
f = 950 MHz, Pin = –30 dBm
f = 1440 MHz, Pin = –30 dBm
10
10
12.5
13
15
16
10.5
10.5
13
13.5
15.5
16.5
dB
Gain Control Range
Note
GCR
f = 950 MHz, Pin = –30 dBm
f = 1440 MHz, Pin = –30 dBm
40
35
50
45
40
35
50
45
–dB
Noise Figure
NF
f = 950 MHz, GPMAX
f = 1440 MHz, GPMAX
8.5
7.5
11.5
10.5
9.0
7.5
12
10.5
dB
Isolation
ISL
f = 950 MHz, GPMAX
f = 1440 MHz, GPMAX
27
31
32
36
26
30
31
35
dB
Input Return Loss
RLin
f = 950 MHz, GPMAX
f = 1440 MHz, GPMAX
3
3
6
6
3
3
6
6
dB
1 dB Compression Output
Power
PO (1 dB)
f = 950 MHz, GPMAX
f = 1440 MHz, GPMAX
0
+1.0
+3
+4
+0.5
0
+3.5
+3
dBm
Note Gain Control Range (GCR) specification: GCR = GPMAX – GPMIN (dB)
Conditions
µPC8119T: GPMAX @ VAGC = 0 V, GPMIN @ VAGC = VCC
µPC8120T: GPMAX @ VAGC = VCC, GPMIN @ VAGC = 0 V
Remark
Measured on TEST CIRCUIT 1 and 2
STANDARD CHARACTERISTICS FOR REFERENCE
(Unless otherwise specified, TA = +25°C, VCC = Vout = 3.0 V, ZS = ZL = 50
Ω, External matched output port)
Reference Value
Parameter
Symbol
Test Conditions
µPC8119T
µPC8120T
Unit
Maximum Power Gain
GPMAX
f = 1900 MHz, Pin = –30 dBm
12.5
13
dB
Gain Control Range
Note
GCR
f = 1900 MHz, Pin = –30 dBm
22
22
dB
Noise Figure
NF
f = 1900 MHz, GPMAX
7.2
7.3
dB
1 dB Compression Output Power
PO (1 dB)
f = 1900 MHz, GPMAX
+3.0
+2.5
dBm
Note Gain Control Range (GCR) specification: GCR = GPMAX – GPMIN (dB)
Conditions
µPC8119T: GPMAX @ VAGC = 0 V, GPMIN @ VAGC = VCC
µPC8120T: GPMAX @ VAGC = VCC, GPMIN @ VAGC = 0 V
Remark
Measured on APPLICATION CIRCUIT EXAMPLE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn