Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20CJQ030 Datasheet(PDF) 4 Page - International Rectifier

Part # 20CJQ030
Description  SCHOTTKY RECTIFIER, 2Amp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20CJQ030 Datasheet(HTML) 4 Page - International Rectifier

  20CJQ030 Datasheet HTML 1Page - International Rectifier 20CJQ030 Datasheet HTML 2Page - International Rectifier 20CJQ030 Datasheet HTML 3Page - International Rectifier 20CJQ030 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
296
20CJQ030
Fig.7 Max. Non-Repetitive Surge Current (Per Leg)
Refer to the Appendix Section for the following:
Appendix D:
Tape and Reel Information — See page 340.
Fig. 8 Unclamped Inductive Test Circuit
C U R R E N T
M O N IT O R
H IG H -S P E E D
S W IT C H
L
D U T
R g = 2 5 oh m
V d = 25 V o lt
+
B R D
F R E E -W H E E L
D IO D E
4 0H F L 40 S 0 2
10
100
1000
10
100
1000
10000
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Square Wave Pulse Duration - t (microsec)
p
A
A
Fig. 6 Forward Power Loss Characteristics
(Per Leg)
0.0
1.0
2.0
3.0
4.0
0
0.4
0.8
1.2
1.6
F(AV)
D = 0.08
D = 0.17
D = 0.25
D = 0.33
D = 0.50
RMS Limit
DC
A
Average Forward Current - I
(A)
Fig. 5 Max. Allowable Case Temperature Vs.
Average Forward Current (Per Leg)
80
100
120
140
160
0.0
1.0
2.0
3.0
4.0
DC
F(AV)
A
Average Forward Current - I
(A)
20CJQ030
R
(DC) = 25°C/W
thJL
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - 20CJQ030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CJQ030 VISHAY-20CJQ030 Datasheet
125Kb / 6P
   Schottky Rectifier, 2 x 1 A
Revision: 22-Aug-08
logo
Sangdest Microelectroni...
20CJQ030 SMC-20CJQ030 Datasheet
169Kb / 5P
   Redundant power subsystems
logo
SMC Diode Solutions Co....
20CJQ030 SMCDIODE-20CJQ030 Datasheet
504Kb / 4P
   20CJQ030 SCHOTTKY RECTIFIER
Rev. A
logo
Vishay Siliconix
20CJQ030PBF VISHAY-20CJQ030PBF Datasheet
93Kb / 6P
   Schottky Rectifier, 2 x 1 A
Revision: 21-Aug-08
More results

Similar Description - 20CJQ030

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CJQ100 IRF-20CJQ100 Datasheet
182Kb / 4P
   SCHOTTKY RECTIFIER, 2Amp
20CJQ045 IRF-20CJQ045 Datasheet
180Kb / 4P
   SCHOTTKY RECTIFIER, 2Amp
logo
Sirectifier Global Corp...
SB2100E SIRECT-SB2100E Datasheet
227Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB2100H SIRECT-SB2100H Datasheet
227Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB2150 SIRECT-SB2150 Datasheet
222Kb / 2P
   Power Schottky Rectifier - 2Amp 150~200Volt
SB240H SIRECT-SB240H Datasheet
226Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB240ESH SIRECT-SB240ESH Datasheet
184Kb / 3P
   Power Schottky Rectifier - 2Amp 40~200Volt
SB240EH SIRECT-SB240EH Datasheet
184Kb / 3P
   Power Schottky Rectifier - 2Amp 40~200Volt
SB240SH SIRECT-SB240SH Datasheet
184Kb / 3P
   Power Schottky Rectifier - 2Amp 40~200Volt
SB240S SIRECT-SB240S Datasheet
214Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com