Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2280CS-T13 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2280CS-T13
Description  250MHz/3mA Current Mode Feedback Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2280CS-T13 Datasheet(HTML) 1 Page - Intersil Corporation

  EL2280CS-T13 Datasheet HTML 1Page - Intersil Corporation EL2280CS-T13 Datasheet HTML 2Page - Intersil Corporation EL2280CS-T13 Datasheet HTML 3Page - Intersil Corporation EL2280CS-T13 Datasheet HTML 4Page - Intersil Corporation EL2280CS-T13 Datasheet HTML 5Page - Intersil Corporation EL2280CS-T13 Datasheet HTML 6Page - Intersil Corporation EL2280CS-T13 Datasheet HTML 7Page - Intersil Corporation EL2280CS-T13 Datasheet HTML 8Page - Intersil Corporation EL2280CS-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN7055
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2180, EL2280, EL2480
250MHz/3mA Current Mode Feedback
Amplifiers
The EL2180, EL2280, and EL2480 are
single, dual, and quad current-
feedback operational amplifiers which
achieve a -3dB bandwidth of 250MHz at a gain of +1 while
consuming only 3mA of supply current per amplifier. They
will operate with dual supplies ranging from ±1.5V to ±6V, or
from single supplies ranging from +3V to +12V. In spite of
their low supply current, the EL2480 and the EL2280 can
output 55mA while swinging to ±4V on ±5V supplies. The
EL2180 can output 100mA with similar output swings. These
attributes make the EL2180, EL2280, and EL2480 excellent
choices for low power and/or low voltage cable-driver, HDSL,
or RGB applications.
For applications where board space is extremely critical, the
EL2180 is available in the tiny 5-pin SOT-23 package, which
has a footprint 28% the size of an 8-pin SO.
For single, dual, and triple applications with disable, consider
the EL2186 (8-pin single), EL2286 (14-pin dual), or EL2386
(16-pin triple). For lower power applications where speed is
still a concern, consider the EL2170/EL2176 family which
also comes in similar single, dual, and quad configurations.
The EL2170/EL2176 family provides a -3dB bandwidth of
70MHz while consuming 1mA of supply current per amplifier.
NOTE:
*EL2180CW symbol is .Cxxx where xxx represents date code
Features
• Single (EL2180), dual (EL2280), and quad (EL2480)
topologies
• 3mA supply current (per amplifier)
• 250MHz -3dB bandwidth
• Tiny SOT23-5 package (EL2180)
• Low cost
• Single- and dual-supply operation down to ±1.5V
• 0.05%/0.05° diff. gain/diff. phase into 150
• 1200V/µs slew rate
• Large output drive current - 100mA (EL2180), 55mA
(EL2280), 55mA (EL2480)
• Also available with disable in single (EL2186), dual
(EL2286), and triple (EL2386)
• Lower power EL2170/EL2176 family available
(1mA/70MHz) in single, dual, and quad
Applications
• Low power/battery applications
• HDSL amplifiers
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment amplifiers
• Current to voltage converters
Ordering Information
PART NUMBER
PACKAGE
TAPE & REEL
PKG. NO.
EL2180CN
8-Pin PDIP
-
MDP0031
EL2180CS
8-Pin SO
-
MDP0027
EL2180CS-T7
8-Pin SO
7”
MDP0027
EL2180CS-T13
8-Pin SO
13”
MDP0027
EL2180CW-T7
5-Pin SOT-23*
7”
MDP0038
EL2180CW-T13
5-Pin SOT-23*
13”
MDP0038
EL2280CN
8-Pin PDIP
-
MDP0031
EL2280CS
8-Pin SO
-
MDP0027
EL2280CS-T7
8-Pin SO
7”
MDP0027
EL2280CS-T13
8-Pin SO
13”
MDP0027
EL2480CN
14-Pin PDIP
-
MDP0031
EL2480CS
14-Pin SO
-
MDP0027
EL2480CS-T7
14-Pin SO
7”
MDP0027
EL2480CS-T13
14-Pin SO
13”
MDP0027
Data Sheet
November 14,2002


Similar Part No. - EL2280CS-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2280CS-T13 ELANTEC-EL2280CS-T13 Datasheet
661Kb / 17P
   250MHz / 3mA Current Mode Feedback Amplifiers
More results

Similar Description - EL2280CS-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
   250MHz / 3mA Current Mode Feedback Amplifiers
logo
Renesas Technology Corp
EL2480 RENESAS-EL2480 Datasheet
894Kb / 13P
   250MHz/3mA Current Mode Feedback Amplifier
logo
Intersil Corporation
EL2480 INTERSIL-EL2480 Datasheet
381Kb / 13P
   250MHz/3mA Current Mode Feedback Amplifier
logo
Elantec Semiconductor
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
   250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
   250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Linear Technology
LT1675 LINER-LT1675 Datasheet
326Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
logo
Intersil Corporation
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
   70MHz/1mA Current Mode Feedback Amplifiers
EL2470 INTERSIL-EL2470 Datasheet
344Kb / 14P
   70MHz/1mA Current Mode Feedback Amplifiers
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
   Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com