Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPANT10046-C1A Datasheet(PDF) 2 Page - World Produts Inc.

Part # WPANT10046-C1A
Description  2.2 GHz Embedded Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT10046-C1A Datasheet(HTML) 2 Page - World Produts Inc.

  WPANT10046-C1A Datasheet HTML 1Page - World Produts Inc. WPANT10046-C1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev: 2.0
Created on: February 24, 2014
Created by: MKS
Approved by: BP
Page | 2
Pictures of the Antenna
Note: Prototype shown. Actual antenna will have a silkscreen.


Similar Part No. - WPANT10046-C1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10040 WPI-WPANT10040 Datasheet
98Kb / 2P
   420 MHz Embedded Antenna
WPANT10040-C1A WPI-WPANT10040-C1A Datasheet
98Kb / 2P
   420 MHz Embedded Antenna
WPANT10040-C1B WPI-WPANT10040-C1B Datasheet
105Kb / 2P
   420 MHz Embedded Antenna
WPANT10042 WPI-WPANT10042 Datasheet
93Kb / 2P
   Wi-Fi Embedded Antenna
WPANT10042-S1B WPI-WPANT10042-S1B Datasheet
93Kb / 2P
   Wi-Fi Embedded Antenna
More results

Similar Description - WPANT10046-C1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10047-C1A WPI-WPANT10047-C1A Datasheet
105Kb / 2P
   4.7 GHz Embedded Antenna
WPANT10088 WPI-WPANT10088 Datasheet
107Kb / 2P
   2.4 GHz Wi-Fi Embedded Antenna
WPANT10048-S1C WPI-WPANT10048-S1C Datasheet
109Kb / 2P
   2.4 GHz Wi-Fi Embedded Antenna
logo
Maxtena Inc.
MPA-254-WIFI MAXTENA-MPA-254-WIFI Datasheet
1Mb / 3P
   WIFI 2.4/5 GHz Embedded Patch Antenna
REV A
logo
AVX Corporation
1003893FT AVX-1003893FT Datasheet
656Kb / 5P
   BT Tunable FPC 2.4 GHz Embedded Antenna
9/27/2021
1003893PT AVX-1003893PT Datasheet
624Kb / 5P
   BT Tunable PCB 2.4 GHz Embedded Antenna
9/27/2021
logo
Pulse A Technitrol Comp...
W3317 PULSE-W3317 Datasheet
1Mb / 14P
   Embedded Antenna
logo
World Produts Inc.
WPANT10053-C1A WPI-WPANT10053-C1A Datasheet
138Kb / 3P
   2.4 GHz Bluetooth / Wi-Fi / Zigbee Embedded Antenna
WPANT10051-C1A WPI-WPANT10051-C1A Datasheet
279Kb / 5P
   2.4 GHz Wi-Fi Horizontally Polarized Embedded Antenna
logo
AVX Corporation
1004292PT AVX-1004292PT Datasheet
1Mb / 8P
   Wi-Fi Tunable PCB 5 GHz Embedded Antenna
9/27/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com