Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPANT10042-S2A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT10042-S2A
Description  This 2.4 GHz Wi-Fi antenna has a very thin & compact structure
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT10042-S2A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT10042-S2A Datasheet HTML 1Page - World Produts Inc. WPANT10042-S2A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 2.0
Created on: February 24. 2014
Created by: MKS
Approved by: BP
Page | 1
WPANT10042-S2A
2.4 GHz Wi-Fi Embedded Antenna
Note: This picture is a prototype only; actual antenna will have part number “WPANT10042-S2A” silkscreen
Description / Application
This 2.4 GHz Wi-Fi antenna has a very thin & compact structure, and can easily be installed inside any wireless device with its self-
adhesive double stick tape on the back. Good efficiency and ease of integration make this an ideal choice for applications where
flexibility is needed. This antenna works very efficiently on any non-metallic surface.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further assist to
trouble shoot system integration issues such as TRP/TIS and FCC requirements. We specialize in developing customized Antenna
solutions. Please contact sales@worldproducts.com with your specific application requirements.
Electrical Properties
Operating Frequency
2.4 – 2.5 GHz
Approximate Antenna Impedance [
Ω]
50Ω
VSWR – Typical
< 2:1
Peak Gain [dBi] (Typical)
~ 4 dBi
Efficiency [%] (Typical)
~ 60 %
Polarization
Linear
Pattern
Near Omni-directional
Mechanical / Environmental Properties
Antenna Dimensions
0.24’’ X 1.52’’ X 0.047’’
(including 3M tape thickness)
Antenna Color
Black
Cable
4.72’’ long 1.32mm dia micro-coax U.FL
Connector
IPX / Hirose equivalent
Tape
15mils 3M4920 VHB double-stick
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT10042-S2A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10042-S2A WPI-WPANT10042-S2A Datasheet
93Kb / 2P
   Wi-Fi Embedded Antenna
More results

Similar Description - WPANT10042-S2A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10036-C1A WPI-WPANT10036-C1A Datasheet
199Kb / 3P
   This 2.4 GHz antenna has a very thin & compact structure
WPANT30005-SA WPI-WPANT30005-SA Datasheet
251Kb / 4P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A Datasheet
78Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30005-SA WPI-WPANT30005-SA_15 Datasheet
248Kb / 4P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT10048-S1C WPI-WPANT10048-S1C Datasheet
109Kb / 2P
   2.4 GHz Wi-Fi Embedded Antenna
WPANT30035-RA WPI-WPANT30035-RA Datasheet
95Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30081-R1A WPI-WPANT30081-R1A Datasheet
79Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30091-R1A WPI-WPANT30091-R1A Datasheet
76Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30032-RA WPI-WPANT30032-RA Datasheet
83Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-RA WPI-WPANT30033-RA Datasheet
258Kb / 3P
   2.4 GHz Wi-Fi Stubby Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com