Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH74572 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # SH74572
Description  RENESAS MCU
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH74572 Datasheet(HTML) 1 Page - Renesas Technology Corp

  SH74572_15 Datasheet HTML 1Page - Renesas Technology Corp SH74572_15 Datasheet HTML 2Page - Renesas Technology Corp SH74572_15 Datasheet HTML 3Page - Renesas Technology Corp SH74572_15 Datasheet HTML 4Page - Renesas Technology Corp SH74572_15 Datasheet HTML 5Page - Renesas Technology Corp SH74572_15 Datasheet HTML 6Page - Renesas Technology Corp SH74572_15 Datasheet HTML 7Page - Renesas Technology Corp SH74572_15 Datasheet HTML 8Page - Renesas Technology Corp SH74572_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
R01DS0189EJ0120 Rev.01.20
Page 1 of 10
Sep 10, 2012
Datasheet
SH74572
RENESAS MCU
1. Overview
The SH7457 Group is a single-chip RISC (reduced instruction set computer) microcontroller based on a
Renesas original RISC CPU core.
Basically the SH7457 Group is the same as the SH7456 Group. Please refer to SH7455 Group, SH7456
Group User’s Manual: Hardware Rev.1.10 (Sep 22, 2011). Table 1.1 shows the differences between the
SH7456 Group and the SH7457 Group.
* Henceforth, the bold letter portion (shaped portion) shows a difference from SH7456 Group.
Table 1.1 Products
Group
Product
Model
CPU
Frequency
Memory Capacity
Package
FlexRay
Operating
temperature
(Ta)
SH7457
SH74572
R5F74572LBG
240MHz
Yes
-40 to +105°C
SH7455
SH74552
R5F74552KBG
Yes
SH7456
SH74562
R5F74562KBG
160MHz
ROM: 1 Mbyte
IL memory: 8 Kbytes,
OL memory: 16 Kbytes, and
SHwyRAM: 256 Kbytes
No
-40 to +125°C
SH7459
SH74593
R5F74593LBG
240MHz
ROM: 1.5 Mbytes
IL memory: 8 Kbytes,
OL memory: 16 Kbytes, and
SHwyRAM: 512 Kbytes
PRBG0176GA-A
Yes
-40 to +105°C
2. Details
This section shows the details of the difference from SH7455 Group, SH7456 Group User’s Manual:
Hardware Rev.1.10 (Sep 22, 2011). Table 2.1 shows the difference between the SH74562 and the
SH74572.
Table 2.1 Difference between SH74562 and SH74572
Page
Description
1-4
• Table 1.1 Specifications Overview: Descriptions of CPG
Product
CPU clock (Ick)
SH74562 160 MHz maximum
SH74572 240 MHz maximum
1-6
• Table 1.1 Specifications Overview: Descriptions of FlexRay
Product
Channels of FlexRay
SH74562 None: SH7456 Group
SH74572 Two channels: SH7457 Group
R01DS0189EJ0120
Rev.01.20
Sep 10, 2012


Similar Part No. - SH74572_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7450 RENESAS-SH7450 Datasheet
80Kb / 4P
   1753, Shimonumabe, Nakahara-ku, Kawasaki-shi, Kanagawa 211-8668 Japan Renesas Electronics Corporation
12/27/2011
SH74582 RENESAS-SH74582 Datasheet
78Kb / 14P
   RENESAS MCU
Feb 18, 2015
SH74582 RENESAS-SH74582_15 Datasheet
78Kb / 14P
   RENESAS MCU
SH74593 RENESAS-SH74593 Datasheet
297Kb / 38P
   RENESAS MCU
Sep 10, 2012
SH74593 RENESAS-SH74593_15 Datasheet
297Kb / 38P
   RENESAS MCU
More results

Similar Description - SH74572_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com