Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

10BQ100 Datasheet(PDF) 1 Page - International Rectifier

Part No. 10BQ100
Description  SCHOTTKY RECTIFIER, 1Amp
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

10BQ100 Datasheet(HTML) 1 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 Amp
275
SCHOTTKY RECTIFIER
10BQ100
PD - 2.437A
The 10BQ100 surface-mount Schottky rectifier has been de-
signed for applications requiring very low forward drop and
small foot prints on PC boards. Typical applications are in disk
drives, switching power supplies, converters, free-wheeling
diodes, battery charging and reverse battery protection.
• Small footprint, surface mountable
• Very low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long-term
reliability
Characteristics
10BQ100
Units
IF(AV) Rectangular
1.0
A
waveform
VRRM
100
V
IFSM @ tp = 5µs sine
780
A
VF @ 1.0Apk, TJ = 125°C
0.62
V
TJ
-55 to 175
°C
Major Ratings and Characteristics
Description / Features
SMB
CASE STYLE
CASE OUTLINE
Next Data Sheet
Index
Previous Datasheet
To Order


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
10BQ015SCHOTTKY RECTIFIER 1Amp 1 2 3 4 International Rectifier
10BQ040SCHOTTKY RECTIFIER 1Amp 1 2 3 4 International Rectifier
10BQ060SCHOTTKY RECTIFIER 1Amp 1 2 3 4 International Rectifier
STPS60H100CPOWER SCHOTTKY RECTIFIER 1 2 3 4 5 STMicroelectronics
DGS3-01ASGallium Arsenide Schottky Rectifier 1 2 IXYS Corporation
20CLQ045SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 1 2 3 4 International Rectifier
30LJQ150SCHOTTKY RECTIFIER 1 2 3 4 International Rectifier
35SGQ060SCHOTTKY RECTIFIER 1 2 3 4 International Rectifier
401CMQSCHOTTKY RECTIFIER 1 2 3 4 5 International Rectifier
60CIQ045SCHOTTKY RECTIFIER 1 2 3 4 International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn