Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8112TB Datasheet(PDF) 2 Page - NEC

Part No. UPC8112TB
Description  SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8112TB Datasheet(HTML) 2 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet P12808EJ2V0DS00
2
µµµµPC8112TB
PIN CONNECTIONS
PRODUCT LIN-UP (TA = +25°C, VCC = 3.0 V, ZS = ZL = 50
Ω)
Items
No RF
ICC
(mA)
900 MHz
SSB · NF
(dB)
1.5 GHz
SSB · NF
(dB)
1.9 GHz
SSB · NF
(dB)
900 MHz
CG
(dB)
1.5 GHz
CG
(dB)
1.9 GHz
CG
(dB)
900 MHz
IIP3
(dBm)
1.5 GHz
IIP3
(dBm)
1.9 GHz
IIP3
(dBm)
µPC2757T
5.6
10
10
13
15
15
13
−14
−14
−12
µPC2757TB
µPC2758T
11
9
10
13
19
18
17
−13
−12
−11
µPC2758TB
µPC8112T
8.5
9
11
11
15
13
13
−10
−9
−7
µPC8112TB
Items
900 MHz
PO(sat)
(dBm)
1.5 GHz
PO(sat)
(dBm)
1.9 GHz
PO(sat)
(dBm)
900 MHz
RFLO
(dB)
1.5 GHz
RFLO
(dB)
1.9 GHz
RFLO
(dB)
IF Output
Configuration
Package
µPC2757T
−3
−−8
Emitter follower
6-pin minimold
µPC2757TB
6-pin super minimold
µPC2758T
+1
−−4
6-pin minimold
µPC2758TB
6-pin super minimold
µPC8112T
−2.5
−3
−3
−80
−57
−55
Open collector
6-pin minimold
µPC8112TB
6-pin super minimold
Remark Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
Caution 1. The
µPC2757 and µPC2758’s IIP3 are calculated with ∆IM3 = 3 which is the same IM3 inclination as
µPC8112. On the other hand, OIP3 of Standard characterisitcs in page 6 is cross point IP.
2. This document is to be specified for
µPC8112TB. The other part number mentioned in this
document should be referred to the data sheet of each part number.
3
2
1
4
5
6
(Top View)
(Bottom View)
4
5
6
3
2
1
Pin No.
Pin Name
1
RFinput
2GND
3
LOinput
4PS
5VCC
6
IFoutput
Part
Number
Part
Number


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn