Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8112TB Datasheet(PDF) 5 Page - NEC

Part No. UPC8112TB
Description  SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8112TB Datasheet(HTML) 5 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Data Sheet P12808EJ2V0DS00
5
µµµµPC8112TB
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Ratings
Unit
Supply Voltage
VCC
TA = +25
°C, 5 pin and 6 pin
3.6
V
Total Circuit Current
ICC
TA = +25
°C
77.7
mA
Total Power Dissipation
PD
Mounted on double sided copper clad 50
× 50 ×
1.6 mm epoxy glass PWB (TA =
+85°C)
200
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Remark
Supply Voltage
VCC
2.7
3.0
3.3
V
5 pin and 6 pin should be applied
to same voltage.
Operating Ambient Temperature
TA
−40
+25
+85
°C
LO Input Level
PLOin
−15
−10
0
dBm
Zs = 50
RF Input Frequency
fRFin
0.8
1.9
2.0
GHz
IF Output Frequency
fIFout
100
250
300
MHz
With external matching
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, TA =
++++25°°°°C, VCC = VPS = VIFout = 3.0 V,
PLOin =
−−−−10 dBm, ZS = ZL = 50 Ω
Ω)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No signals
4.9
8.5
11.7
mA
Circuit Current at Power Save
Mode
ICC(PS)
VCC = 3.0 V, VPS = 0.5 V
−−
0.1
µA
Conversion Gain
CG
fRFin = 900 MHz, fLOin = 1 000 MHz
fRFin = 1.9 GHz, fLOin = 1.66 GHz
11.5
9.5
15
13
17.5
15.5
dB
Single Side Band Noise Figure
SSBNF
fRFin = 900 MHz, fLOin = 1 000 MHz
fRFin = 1.9 GHz, fLOin = 1.66 GHz
9.0
11.2
11
13.2
dB
Saturated Output Power
Po(sat)
fRFin = 900 MHz, fLOin = 1 000 MHz
fRFin = 1.9 GHz, fLOin = 1.66 GHz
(PRFin =
−10 dBm each)
−6.5
−7
−2.5
−3
dBm


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn