Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N0800R Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # N0800R
Description  PNP SILICON EPITAXIAL TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0800R Datasheet(HTML) 3 Page - Renesas Technology Corp

  N0800R_15 Datasheet HTML 1Page - Renesas Technology Corp N0800R_15 Datasheet HTML 2Page - Renesas Technology Corp N0800R_15 Datasheet HTML 3Page - Renesas Technology Corp N0800R_15 Datasheet HTML 4Page - Renesas Technology Corp N0800R_15 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
N0800R
R07DS0726EJ0100
Rev.1.00
Page 3 of 5
Mar 30, 2012
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
−0.0001
−0.001
−0.01
−0.1
−1
TA = 125˚C
25˚C
−25˚C
VBE - Base to Emitter Voltage - (V)
−0.0
−0.3
−0.6
−0.9
−1.2
VCE =
−6 V
Pulsed
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
10
100
1000
VCE =
−6 V
−1000
−100
−10
−1
IC - Collector Current - (mA)
OUTPUT CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
1
10
100
−100
−10
−1
−0.1
VCB - Collector to Base Voltage - (V)
IE = 0
f = 1.0 MHz
SWITCHING TIME vs.
COLLECTOR CURRENT
10
100
1000
IC - Collector Current - (mA)
−10
−100
−1000
VCE =
−10 V
IC = 10IB1 =
−10IB2
PW = 50
μs
ton
tf
tstg


Similar Part No. - N0800R_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N0800R-T1-AT RENESAS-N0800R-T1-AT Datasheet
84Kb / 5P
   PNP SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - N0800R_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com