Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIN202 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. HIN202
Description  5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN202 Datasheet(HTML) 2 Page - Intersil Corporation

  HIN202 Datasheet HTML 1Page - Intersil Corporation HIN202 Datasheet HTML 2Page - Intersil Corporation HIN202 Datasheet HTML 3Page - Intersil Corporation HIN202 Datasheet HTML 4Page - Intersil Corporation HIN202 Datasheet HTML 5Page - Intersil Corporation HIN202 Datasheet HTML 6Page - Intersil Corporation HIN202 Datasheet HTML 7Page - Intersil Corporation HIN202 Datasheet HTML 8Page - Intersil Corporation HIN202 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Ordering Information
PART NO.
TEMP.
RANGE (oC)
PACKAGE
PKG.
DWG. #
HIN202CB
0 to 70
16 Ld SOIC (W)
M16.3
HIN202CB-T
0 to 70
16 Ld SOIC (W)
Tape and Reel
M16.3
HIN202CBN
0 to 70
16 Ld SOIC (N)
M16.15
HIN202CBN-T
0 to 70
16 Ld SOIC (N)
Tape and Reel
M16.15
HIN202CP
0 to 70
16 Ld PDIP
E16.3
HIN202IB
-40 to 85
16 Ld SOIC (W)
M16.3
HIN202IBN
-40 to 85
16 Ld SOIC (N)
M16.15
HIN206CB
0 to 70
24 Ld SOIC
M24.3
HIN207CA
0 to 70
24 Ld SSOP
M24.209
HIN207CB
0 to 70
24 Ld SOIC
M24.3
HIN207CB-T
0 to 70
24 Ld SOIC
Tape and Reel
M24.3
HIN208CB
0 to 70
24 Ld SOIC
M24.3
HIN208CB-T
0 to 70
24 Ld SOIC
Tape and Reel
M24.3
HIN211CA
0 to 70
28 Ld SSOP
M28.209
HIN211CA-T
0 to 70
28 Ld SSOP
Tape and Reel
M28.209
HIN211CB
0 to 70
28 Ld SOIC
M28.3
HIN211CB-T
0 to 70
28 Ld SOIC
Tape and Reel
M28.3
HIN213CA
0 to 70
28 Ld SSOP
M28.209
HIN213CA-T
0 to 70
28 Ld SSOP
Tape and Reel
M28.209
Ordering Information (Continued)
PART NO.
TEMP.
RANGE (oC)
PACKAGE
PKG.
DWG. #
Pin Descriptions
PIN
FUNCTION
VCC
Power Supply Input 5V
±10%, (5V ±5% HIN207).
V+
Internally generated positive supply (+10V nominal).
V-
Internally generated negative supply (-10V nominal).
GND
Ground Lead. Connect to 0V.
C1+
External capacitor (+ terminal) is connected to this lead.
C1-
External capacitor (- terminal) is connected to this lead.
C2+
External capacitor (+ terminal) is connected to this lead.
C2-
External capacitor (- terminal) is connected to this lead.
TIN
Transmitter Inputs. These leads accept TTL/CMOS levels. An internal 400k
Ω pull-up resistor to V
CC is connected to each lead.
TOUT
Transmitter Outputs. These are RS-232 levels (nominally
±10V).
RIN
Receiver Inputs. These inputs accept RS-232 input levels. An internal 5k
Ω pull-down resistor to GND is connected to each input.
ROUT
Receiver Outputs. These are TTL/CMOS levels.
EN, EN
Receiver enable Input. With EN = 5V (HIN213 EN = 0V), the receiver outputs are placed in a high impedance state.
SD, SD
Shutdown Input. With SD = 5V (HIN213 SD = 0V), the charge pump is disabled, the receiver outputs are in a high impedance state
(except R4 and R5 of HIN213) and the transmitters are shut off.
NC
No Connect. No connections are made to these leads.
HIN202, HIN206, HIN207, HIN208, HIN211, HIN213


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn