Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8106TB Datasheet(PDF) 6 Page - NEC

Part No. UPC8106TB
Description  SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8106TB Datasheet(HTML) 6 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Data Sheet P12770EJ2V0DS00
6
µµµµPC8106TB, µµµµPC8109TB
OTHER CHARACTERISTICS, FOR REFERENCE PURPOSES ONLY
(TA = +25 °C, VCC = VRFout = 3.0 V, PLOin =
−−−−5 dBm, and VPS ≥≥≥≥ 2.7 V unless otherwise mentioned)
Reference Value
Parameter
Symbol
Conditions
µPC8106TB µPC8109TB
Unit
OIP31fIFin1 = 240.0 MHz
fRFout = 0.9 GHz
+5.5
+1.5
dBm
Output Third-Order Distortion
Intercept Point
OIP32fIFin2 = 240.4 MHz
fRFout = 1.9 GHz
+2.0
−1.0
Third-Order Intermodulation
Distortion 1
IM31fRFout = 0.9 GHz
−31
−29
dBc
Third-Order Intermodulation
Distortion 2
IM32
fIFint = 240.0 MHz
fIFin2 = 240.4 MHz
PIFin =
−20 dBm
fRFout = 1.9 GHz
−30
−28
dBc
SSB Noise Figure
SSBNF
fRFout = 0.9 GHz, fIFin = 240 MHz
8.5
8.5
dB
Rise time
TPS(rise)
VPS: GND
→ VCC
2.0
2.0
µs
Power Save
Response Time
Fall time
TPS(fall)
VPS: VCC
→ GND
2.0
2.0
µs
APPLICATION CIRCUIT EXAMPLE CHARACTERSISTICS FOR REFERENCE PURPOSE ONLY
(TA = +25 °C, VCC = VPS = VRFout = 3.0 V, fIFin = 130 MHz, fLOin = 1630 MHz, PLOin =
−−−−5 dBm)
Reference Value
Parameter
Symbol
Conditions
µPC8106TB
Unit
Conversion Gain
CG
fRFout = 1.5 GHz, with application circuit
example
7dB
Maximum RF Output Power
PO(sat)
fRFout = 1.5 GHz, with application circuit
example
−3.5
dBm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn