Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8106TB Datasheet(PDF) 5 Page - NEC

Part No. UPC8106TB
Description  SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8106TB Datasheet(HTML) 5 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet P12770EJ2V0DS00
5
µµµµPC8106TB, µµµµPC8109TB
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test Conditions
Rating
Unit
Supply Votage
VCC
TA = +25 °C, Pin 5 and 6
6.0
V
PS pin Input Voltage
VPS
TA = +25 °C
6.0
V
Power Dissipation of
Package
PD
Mounted on double-sided copper-clad 50
× 50 ×
1.6 mm epoxy glass PWB
TA = +85 °C
200
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Maximum Input Power
Pin
+10
dBm
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Note
Supply Voltage
VCC
2.7
3.0
5.5
V
The same voltage should be supplied to
pin 5 and 6
Operating Ambient Temperature
TA
−40
+25
+85
°C
Local Input Level
PLOin
−10
−50
dBm
ZS = 50
Ω (without matching)
RF Output Frequency
fRFout
0.4
2.0
GHz
With external matching circuit
IF Input Frequency
fIFin
100
400
MHz
ELECTRICAL CHARACTERISTICS
(TA = +25 °C, VCC = VRFout = 3.0 V, fIFin = 240 MHz, PLOin =
−−−−5 dBm, and VPS ≥≥≥≥ 2.7 V unless otherwise
specified)
µPC8106TB
µPC8109TB
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No signal
4.5
9
13.5
2.5
5
8.0
mA
Circuit Current in Power-
save Mode
ICC(PS)
VPS = 0 V
−−
10
−−
10
µA
Conversion Gain 1
CG1
fRFout = 0.9 GHz, PIFin =
−30 dBm
6
9
12
3
6
9
dB
Conversion Gain 2
CG2
fRFout = 1.9 GHz, PIFin =
−30 dBm
4
7
10
1
4
7
dB
Maximum RF Output Power 1
PO(sat)1fRFout = 0.9 GHz, PIFin = 0 dBm
−4
−2
−−7.5
−5.5
dBm
Maximum RF Output Power 2
PO(sat)2fRFout = 1.9 GHz, PIFin = 0 dBm
−6.5
−4
−−10
−7.5
dBm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn