Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC8106TB Datasheet(PDF) 3 Page - NEC

Part No. UPC8106TB
Description  SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC8106TB Datasheet(HTML) 3 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet P12770EJ2V0DS00
3
µµµµPC8106TB, µµµµPC8109TB
SYSTEM APPLICATION EXAMPLES (SCHEMATICS OF IC LOCATION IN THE SYSTEMS)
PHS, DECT
TX
÷N
PLL
RX
PA
I
Q
SW
DEMO.
Q
I
Phase
shifter
90°
PC8106TB
µ
VCO
PLL
Analog cellular telephone
TX
÷N
PLL
RX
PA
SW
DEMO.
PC8109TB
µ
PLL
MOD.
FM
VCO


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn