Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8105GR-E1 Datasheet(PDF) 9 Page - NEC

Part # UPC8105GR-E1
Description  400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8105GR-E1 Datasheet(HTML) 9 Page - NEC

Back Button UPC8105GR-E1 Datasheet HTML 5Page - NEC UPC8105GR-E1 Datasheet HTML 6Page - NEC UPC8105GR-E1 Datasheet HTML 7Page - NEC UPC8105GR-E1 Datasheet HTML 8Page - NEC UPC8105GR-E1 Datasheet HTML 9Page - NEC UPC8105GR-E1 Datasheet HTML 10Page - NEC UPC8105GR-E1 Datasheet HTML 11Page - NEC UPC8105GR-E1 Datasheet HTML 12Page - NEC UPC8105GR-E1 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet P10807EJ3V0DS00
9
µµµµPC8105GR
ATT 10 dB
REF 0.0 dBm
10 dB/
RBW
1 kHz
VBW
1 kHz
SWP
2.0 s
CENTER 240.0000 MHz
SPAN 200.0 kHz
TYPICAL SINE WAVE MODULATION
OUTPUT SPECTRUM
<PHS>384 kbps, RNYQ
α = 0.5, MOD Pattern<000>, all zero
TYPICAL
π/4 DQPSK MODULATION OUTPUT SPECTRUM
<PHS>384 kbps, RNYQ
α = 0.5, MOD Pattern (PN9)
ATT 0 dB
MARKER
239.100 MHz
68.75 dB
REF –10.0 dBm
10 dB/
ADJ BS
192 kHz
DL –10.0 dBm
RBW 3 kHz
VBW 10 kHz
SWP 5.0 s
CENTER 240.000 MHz
SPAN 2.000 MHz
∗∗∗ Multi Marker List ∗∗∗
No.1: 239.100 MHz –68.75 dB
No.2: 239.400 MHz –68.25 dB
No.3: 240.600 MHz –68.25 dB
No.4: 240.900 MHz –69.00 dB
1
2
3
4
ATT 0 dB
MARKER
289.9000 MHz
76.50 dB
REF –10.0 dBm
10 dB/
ADJ BS
21.0 kHz
DL –10.0 dBm
RBW 3 kHz
VBW 3 kHz
SWP 5.0 s
CENTER 240.0000 MHz
SPAN 500 kHz
∗∗∗ Multi Marker List ∗∗∗
No.1: 239.9000 MHz –76.50 dB
No.2: 239.9500 MHz –70.50 dB
No.3: 240.0500 MHz –71.00 dB
No.4: 240.1000 MHz –75.75 dB
1
23
4
TYPICAL
π/4 DQPSK MODULATION OUTPUT SPECTRUM
<PDC>42 kbps, RNYQ
α = 0.5, MOD Pattern<PN9>


Similar Part No. - UPC8105GR-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8105GR-E1 NEC-UPC8105GR-E1 Datasheet
56Kb / 5P
   SILICON MMIC QUADRATURE MODULATOR
More results

Similar Description - UPC8105GR-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
logo
Sony Corporation
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
logo
NEC
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Analog Devices
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com