Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5751 Datasheet(PDF) 14 Page - California Eastern Labs

Part # 2SC5751
Description  MEDIUM OUTPUT POWER AMPLIFICATION (30 mW)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5751 Datasheet(HTML) 14 Page - California Eastern Labs

Back Button 2SC5751 Datasheet HTML 8Page - California Eastern Labs 2SC5751 Datasheet HTML 9Page - California Eastern Labs 2SC5751 Datasheet HTML 10Page - California Eastern Labs 2SC5751 Datasheet HTML 11Page - California Eastern Labs 2SC5751 Datasheet HTML 12Page - California Eastern Labs 2SC5751 Datasheet HTML 13Page - California Eastern Labs 2SC5751 Datasheet HTML 14Page - California Eastern Labs 2SC5751 Datasheet HTML 15Page - California Eastern Labs 2SC5751 Datasheet HTML 16Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Data Sheet P15657EJ1V0DS
14
VCE = 3 V, IC = 40 mA, ZO = 50 Ω
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(dB)
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
0.467
0.436
0.422
0.415
0.407
0.406
0.408
0.412
0.413
0.418
0.426
0.430
0.439
0.444
0.453
0.459
0.469
0.477
0.483
0.489
0.499
0.507
0.513
0.523
0.526
0.536
0.545
0.556
0.569
0.567
0.637
50.8
87.9
114.3
131.5
144.3
154.4
161.9
168.8
174.1
179.6
176.1
171.8
168.1
164.7
161.2
158.2
155.5
152.8
150.1
147.6
145.3
142.9
141.0
138.7
136.8
134.7
132.8
131.0
129.3
126.9
109.7
41.321
31.595
24.696
19.850
16.485
13.993
12.188
10.729
9.633
8.709
7.956
7.301
6.753
6.262
5.850
5.485
5.172
4.872
4.605
4.361
4.156
3.952
3.788
3.618
3.477
3.333
3.207
3.072
2.944
2.846
2.022
149.4
128.8
115.3
106.5
99.6
94.2
89.5
85.5
81.7
78.2
75.0
72.2
68.8
66.0
63.2
60.3
57.6
55.0
52.4
49.5
47.0
44.4
41.9
39.0
36.6
34.2
31.5
28.9
26.4
24.3
2.7
0.010
0.016
0.020
0.023
0.025
0.027
0.030
0.033
0.035
0.038
0.041
0.044
0.046
0.049
0.052
0.055
0.058
0.061
0.065
0.068
0.071
0.074
0.077
0.080
0.083
0.087
0.091
0.095
0.097
0.099
0.120
67.1
56.9
54.5
53.6
53.1
53.4
55.0
55.7
56.2
57.1
57.4
57.9
57.7
57.9
57.8
57.6
57.5
57.1
56.6
56.0
55.7
55.3
54.9
54.4
53.8
53.1
52.5
51.0
48.7
48.1
38.6
0.852
0.688
0.568
0.481
0.427
0.384
0.357
0.334
0.319
0.306
0.298
0.290
0.286
0.280
0.279
0.274
0.275
0.270
0.273
0.272
0.278
0.279
0.287
0.291
0.299
0.304
0.314
0.320
0.318
0.314
0.363
21.7
35.6
42.7
46.9
48.9
50.8
52.2
54.1
55.9
58.3
60.7
63.6
66.2
69.3
72.3
75.5
79.1
82.7
86.7
90.5
94.7
98.4
102.4
105.8
109.6
112.8
116.8
120.9
125.0
127.6
158.6
0.339
0.488
0.618
0.748
0.853
0.965
1.031
1.092
1.134
1.174
1.190
1.216
1.229
1.242
1.242
1.248
1.246
1.253
1.249
1.252
1.240
1.237
1.223
1.220
1.213
1.195
1.171
1.148
1.142
1.178
1.182
36.34
33.04
31.01
29.44
28.11
27.08
25.01
23.32
22.13
21.09
20.26
19.43
18.76
18.07
17.52
16.95
16.49
15.98
15.53
15.07
14.74
14.34
14.05
13.73
13.43
13.18
12.98
12.77
12.51
12.05
9.67
NE677M04 / 2SC5751


Similar Part No. - 2SC5751

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5751 RENESAS-2SC5751 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR
2001
2SC5751-T2 RENESAS-2SC5751-T2 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR
2001
2SC5751 RENESAS-2SC5751_15 Datasheet
217Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
More results

Similar Description - 2SC5751

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG2101M05 RENESAS-NESG2101M05 Datasheet
172Kb / 15P
   NPN SiGe RF Transistor for Medium Output Power Amplification 125 mW
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
logo
Panasonic Semiconductor
2SC4545 PANASONIC-2SC4545 Datasheet
81Kb / 4P
   For Medium Output Power Amplification
logo
Renesas Technology Corp
2SC5751 RENESAS-2SC5751_15 Datasheet
217Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
2SC5752 RENESAS-2SC5752_15 Datasheet
225Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
logo
NEC
2SC5752 NEC-2SC5752 Datasheet
91Kb / 20P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
logo
California Eastern Labs
2SC5752 CEL-2SC5752 Datasheet
3Mb / 17P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
logo
Panasonic Semiconductor
2SD0638 PANASONIC-2SD0638 Datasheet
73Kb / 3P
   For Medium-Power General Amplification
logo
Renesas Technology Corp
2SC5753 RENESAS-2SC5753_15 Datasheet
224Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com