Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8105GR Datasheet(PDF) 5 Page - NEC

Part # UPC8105GR
Description  400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8105GR Datasheet(HTML) 5 Page - NEC

  UPC8105GR Datasheet HTML 1Page - NEC UPC8105GR Datasheet HTML 2Page - NEC UPC8105GR Datasheet HTML 3Page - NEC UPC8105GR Datasheet HTML 4Page - NEC UPC8105GR Datasheet HTML 5Page - NEC UPC8105GR Datasheet HTML 6Page - NEC UPC8105GR Datasheet HTML 7Page - NEC UPC8105GR Datasheet HTML 8Page - NEC UPC8105GR Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet P10807EJ3V0DS00
5
µµµµPC8105GR
PIN EXPLANATION
PIN NO.
ASSIGN-
MENT
SUPPLY
VOL. (V)
PIN
VOL.(V)
FUNCTION AND APPLICATION
EQUIPMENT CIRCUIT
1LOin
0
LO input for phase shifter.
This input impedance is 50
matched internally.
2LOin
2.4
Bypass of LO input.
This pin is grounded through
internal capacitor.
Open in case of single ended.
3GND
0
8
4I
VCC/2
Input for I signal. This in put
impedance is larger than 20 k
Ω.
Relations between amplitude and
VCC/2 bias of input signal are
following.
5I
VCC/2
Input for I signal. This in put
impedance is larger than 20 k
Ω.
VCC/2 biased DC signal should be
input.
6Q
VCC/2
Input for Q signal. This in put
impedance is larger than 20 k
Ω.
VCC/2 biased DC signal should be
input.
7Q
VCC/2
Input for Q signal. This in put
impedance is larger than 20 k
Ω.
Relations between amplitude and
VCC/2 bias of input signal are
following.
12
MODout
1.5
Output from modulator.
This is emitter follower output.
*1: In case of that I/Q input signals are single ended.
Of course, I/Q signal inputs can be used either single endedly or differentially with proper terminations.
*1
VCC/2 (v)
Amp. (mVp-p)
≥ 1.35
400
≥ 1.5
600
≥ 1.75
1000
*1
VCC/2 (v)
Amp. (mVp-p)
≥ 1.35
400
≥ 1.5
600
≥ 1.75
1000
1
50
2
4
5
7
6
12
Connect to the ground with
minimum inductance.
Track length should be kept as
short as possible.


Similar Part No. - UPC8105GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8105GR NEC-UPC8105GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8105GR NEC-UPC8105GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
223Kb / 20P
   Single Chip Transceiver Silicon MMIC for PHS
More results

Similar Description - UPC8105GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
logo
Sony Corporation
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
logo
NEC
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Analog Devices
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com