Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8103T-E3 Datasheet(PDF) 6 Page - NEC

Part # UPC8103T-E3
Description  MIXER OSCILLATOR IC FOR PAGER SYSTEM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8103T-E3 Datasheet(HTML) 6 Page - NEC

Back Button UPC8103T-E3 Datasheet HTML 2Page - NEC UPC8103T-E3 Datasheet HTML 3Page - NEC UPC8103T-E3 Datasheet HTML 4Page - NEC UPC8103T-E3 Datasheet HTML 5Page - NEC UPC8103T-E3 Datasheet HTML 6Page - NEC UPC8103T-E3 Datasheet HTML 7Page - NEC UPC8103T-E3 Datasheet HTML 8Page - NEC UPC8103T-E3 Datasheet HTML 9Page - NEC UPC8103T-E3 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
µPC8103T, µPC8108T
6
TEST CIRCUIT 1
RS = 50
Ω, RL = 2 kΩ (CG MEASUREMENT)
1 000 pF
NC
3
2
1
4
5
6
1 000 pF
1 000 pF 3 300 pF 1 000 pF
VCC
2 k
Ω*
1 000 pF
50
150 H
µ
50
C2
C1
50
C6
R
L
C3
C4
C5
Signal Generator (Lo)
Supplement:
(50
Ω means impedance of measurement equipment)
Signal Generator (RF)
Spectrum Analyser
* Note On 50
Ω measurement, this high inpedance IFout needs the calculatiuon as follows
CG (dB) = Measured value +20 log10
TEST CIRCUIT 2
RS = RL = 50
Ω (NF MEASUREMENT)
1 000 pF
NC
3
2
1
4
5
6
1 000 pF 3 300 pF 1 000 pF
VCC
1 000 pF
20 MHz
µ
Signal Generator (Lo)
50
C2
C6
L
C3
C4
C5
150 H
1 000 pF
C1
50
NF meter
NOISE SOURCE
50
2 k
50


Similar Part No. - UPC8103T-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8100 NEC-UPC8100 Datasheet
141Kb / 16P
   SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
UPC8100GR NEC-UPC8100GR Datasheet
141Kb / 16P
   SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC8100GR RENESAS-UPC8100GR Datasheet
275Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
logo
NEC
UPC8100GR-E2 NEC-UPC8100GR-E2 Datasheet
141Kb / 16P
   SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC8100GR-E2 RENESAS-UPC8100GR-E2 Datasheet
275Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results

Similar Description - UPC8103T-E3

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6454SH PANASONIC-AN6454SH Datasheet
35Kb / 4P
   Pager Direct Conversion FSK Demodulator Mixer IC
logo
New Japan Radio
NJM2294 NJRC-NJM2294 Datasheet
313Kb / 10P
   FM IF IC FOR PAGER
NJM2294 NJRC-NJM2294_1 Datasheet
193Kb / 9P
   FM IF IC FOR PAGER
logo
NEC
UPC8102T NEC-UPC8102T Datasheet
147Kb / 20P
   RF AMPLIFIER IC FOR 150 MHz TO 330 MHz PAGER SYSTEM
logo
Maxim Integrated Produc...
MAX847 MAXIM-MAX847 Datasheet
167Kb / 18P
   1-Cell, Step-Up Two-Way Pager System IC
Rev 1a; 10/98
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
TA31149FNG TOSHIBA-TA31149FNG Datasheet
636Kb / 17P
   5-LEVEL FSK IF DETECTOR IC FOR PAGER
logo
Mitsubishi Electric Sem...
MF1073S-1 MITSUBISHI-MF1073S-1 Datasheet
281Kb / 1P
   FOR PAGER,Rx
logo
Maxim Integrated Produc...
MAX769 MAXIM-MAX769 Datasheet
161Kb / 16P
   2 or 3-Cell, Step-Up/Down, Two-Way Pager System IC
Rev 1; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com