Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPANT30047-RA Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30047-RA
Description  800 MHz Cellular band Corner Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30047-RA Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30047-RA Datasheet HTML 1Page - World Produts Inc. WPANT30047-RA Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 2.0
Created on: June 20, 2013
Created by: MKS
Approved by: BP
Page | 1
WPANT30047-RA
800 MHz Cellular band Corner Antenna
Description / Application
This is a high gain Corner antenna that operates in the 800 MHz Cellular band. It comes with a Type-N female connector. The
antenna is at DC ground to ensure protection against lightning.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further
customize the antennas for your specific needs. Please contact sales@worldproducts.com with your specific application
requirements.
Electrical Properties
Operating Frequency
824 – 896 MHz
Approximate Antenna Impedance [
Ω] 50
VSWR – Typical
< 2:1
Peak Gain [dBi] (Typical)
17 dBi
Polarization
Vertical
Pattern
Directional (> 30 dB front-to-back ratio)
Accepted Power [W] (Max)
200 Watts
Lightning Protection
DC ground
Mechanical / Environmental Properties
Antenna Dimensions
76’’ X 18.1’’ X 7.5’’
(1930mm X 460mm X 190mm)
Antenna Color
Grey
Connector
Type-N Female
Antenna Radome
Fiberglass
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30047-RA

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30040-RA WPI-WPANT30040-RA Datasheet
159Kb / 2P
   3G / 4G Penta-band Indoor Ceiling mount Antenna
WPANT30041-RA WPI-WPANT30041-RA Datasheet
137Kb / 2P
   3G / 4G Penta-band Indoor Ceiling mount Antenna
WPANT30042-RA WPI-WPANT30042-RA Datasheet
78Kb / 2P
   3G / 4G Penta-band Log Periodic Antenna
WPANT30043-RA WPI-WPANT30043-RA Datasheet
125Kb / 2P
   3G / 4G Penta-band Directional Panel Antenna
WPANT30043-RA WPI-WPANT30043-RA_15 Datasheet
120Kb / 2P
   3G / 4G Penta-band Directional Panel Antenna
More results

Similar Description - WPANT30047-RA

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30045-RA WPI-WPANT30045-RA_15 Datasheet
67Kb / 2P
   800 MHz Cellular-band Unipolarized Directional Antenna
WPANT30045-RA WPI-WPANT30045-RA Datasheet
72Kb / 2P
   800 MHz Cellular-band Unipolarized Directional Antenna
WPANT30030-R2A WPI-WPANT30030-R2A Datasheet
81Kb / 2P
   860 MHz Cellular band Stubby Antenna
WPANT30030-RA WPI-WPANT30030-RA Datasheet
62Kb / 2P
   860 MHz Cellular band Stubby Antenna
logo
TE Connectivity Ltd
2118060-1 TEC-2118060-1 Datasheet
2Mb / 2P
   2300 ??800 & 5150 ??875 MHz Dual Band Antenna
logo
Taoglas antenna solutio...
FXP14240100B TAOGLAS-FXP14240100B Datasheet
277Kb / 7P
   FXP14 Hexa-Band Cellular Antenna
logo
List of Unclassifed Man...
PA700J ETC2-PA700J Datasheet
2Mb / 15P
   Hexa-Band Cellular SMD Antenna
logo
Taoglas antenna solutio...
FXP14.09.0100A TAOGLAS-FXP14.09.0100A_13 Datasheet
436Kb / 7P
   FXP14 Hexa Band Cellular Antenna
logo
Molex Electronics Ltd.
PS-146185-100 MOLEX-PS-146185-100_V01 Datasheet
381Kb / 7P
   Cellular Quad Band Flex Antenna
2017-06-13
logo
Taoglas antenna solutio...
FXP14R.A.07.0100A TAOGLAS-FXP14R.A.07.0100A_13 Datasheet
557Kb / 9P
   FXP14 Hexa-Band Cellular Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com