Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1117H Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE1117H
Description  1A Bipolar Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1117H Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE1117H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1117H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1117H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1117H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1117H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1117H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1117H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1117H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1117H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACE1117H
1A Bipolar Linear Regulator
VER 1.2
2
Typical Electrical Characteristics
ACE1117H-ADJ Vout vs. Temp
Typical Application
Application circuit of ACE1117H fixed version
ACE1117H
Packaging Type
SOT-223
TO-252
1
2
3
1
2
3
Recommended work conditions
Parameter
Value
Input Voltage Range
Max. 16V
(1)
Operating Junction Temperature (TJ) -20 ~ 125
OC
Note 1. Exceptional for ACE1117H-12V, the maximum input voltage for ACE1117H-12V is 20V.
SOT-223 / TO-252
Description
1
Vss/ADJ
2
Vout
3
Vin


Similar Part No. - ACE1117H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1117 ACE-ACE1117 Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
ACE1117 ACE-ACE1117 Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE111715XM+H ACE-ACE111715XM+H Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
ACE111715XM+H ACE-ACE111715XM+H Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE111715YM+H ACE-ACE111715YM+H Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
More results

Similar Description - ACE1117H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
ACE1117C ACE-ACE1117C Datasheet
554Kb / 11P
   1A Bipolar Linear Regulator
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
   1A Bipolar Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7110 HMSEMI-HM7110 Datasheet
515Kb / 8P
   1A Bipolar Linear Regulator
logo
SHIKUES Electronics
SK1117 SKTECHNOLGY-SK1117 Datasheet
1,005Kb / 7P
   1A Bipolar Linear Regulator
logo
ACE Technology Co., LTD...
ACE1084 ACE-ACE1084_17 Datasheet
1Mb / 13P
   1A Bipolar Linear Regulator
VER 1.2
logo
Leshan Radio Company
LR1117D LRC-LR1117D Datasheet
838Kb / 9P
   1A Bipolar Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL1117C BELLING-BL1117C Datasheet
362Kb / 9P
   1A Bipolar Linear Regulator
logo
Leshan Radio Company
LR1117C LRC-LR1117C Datasheet
1,016Kb / 10P
   1A Bipolar Linear Regulator
logo
AiT Semiconductor Inc.
A317 AITSEMI-A317 Datasheet
239Kb / 7P
   BIPOLAR LINEAR REGULATOR 1A 40V ADJUSTABLE VOLTAGE
REV1.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com