Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE25C100G Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE25C100G
Description  Uniform Sector Dual and Quad Serial Flash
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C100G Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE25C100G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
ACE25C100G
Uniform Sector Dual and Quad Serial Flash
VER 1.4
2
Packaging Type
DIP-8 / SOP-8 / TSSOP-8
Pin Configurations
Pin No
Pin Name
I/O
Function
1
CS#
I
Chip Select Input
2
SO (IO1)
I/O
Data Output (Data Input Output 1)
3
WP# (IO2)
I/O
Write Protect Input (Data Input Output 2)
4
VSS
Ground
5
SI (IO0)
I/O
Data Input (Data Input Output 0)
6
SCLK
I
Serial Clock Input
7
HOLD# (IO3)
I/O
Hold Input (Data Input Output 3)
8
VCC
Power Supply
Memory Organization
Each device has Each block has Each sector has Each page has
128K
64/32K
4K
256
bytes
512
256/128
16
-
pages
32
16/8
-
-
sectors
2/7
-
-
-
blocks


Similar Part No. - ACE25C100G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25C160G ACE-ACE25C160G Datasheet
1Mb / 36P
   Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
More results

Similar Description - ACE25C100G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25C512G ACE-ACE25C512G Datasheet
1Mb / 37P
   Uniform Sector Dual and Quad Serial Flash
VER 1.5
logo
GigaDevice Semiconducto...
GD25VE16C GIGADEVICE-GD25VE16C Datasheet
1Mb / 60P
   Uniform Sector Dual and Quad Serial Flash
GD25VQ16C GIGADEVICE-GD25VQ16C Datasheet
1Mb / 59P
   Uniform Sector Dual and Quad Serial Flash
logo
ACE Technology Co., LTD...
ACE25C320G ACE-ACE25C320G Datasheet
2Mb / 37P
   Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
logo
ELM Electronics
GD25Q21BXIGX ELM-GD25Q21BXIGX Datasheet
3Mb / 49P
   Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25VE40C GIGADEVICE-GD25VE40C Datasheet
1Mb / 55P
   Uniform Sector Dual and Quad Serial Flash
GD25VQ127C GIGADEVICE-GD25VQ127C Datasheet
1Mb / 62P
   Uniform Sector Dual and Quad Serial Flash
logo
ACE Technology Co., LTD...
ACE25C160G ACE-ACE25C160G Datasheet
1Mb / 36P
   Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
logo
ELM Technology Corporat...
GD25D10XIGX ELM-TECH-GD25D10XIGX Datasheet
2Mb / 28P
   Uniform sector dual and quad serial flash
logo
GigaDevice Semiconducto...
GD25VQ40C GIGADEVICE-GD25VQ40C Datasheet
1Mb / 56P
   Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com