Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8100 Datasheet(PDF) 15 Page - NEC

Part # UPC8100
Description  SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8100 Datasheet(HTML) 15 Page - NEC

Back Button UPC8100 Datasheet HTML 8Page - NEC UPC8100 Datasheet HTML 9Page - NEC UPC8100 Datasheet HTML 10Page - NEC UPC8100 Datasheet HTML 11Page - NEC UPC8100 Datasheet HTML 12Page - NEC UPC8100 Datasheet HTML 13Page - NEC UPC8100 Datasheet HTML 14Page - NEC UPC8100 Datasheet HTML 15Page - NEC UPC8100 Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
µPC8100GR
Data Sheet P10817EJ3V0DS00
NOTE ON CORRECT USE
(1)
Observe precautions for handling because of electrostatic sensitive devices.
(2)
Form a ground pattern as wide as possible to minimize ground impedance (to prevent undesired oscillation).
(3)
Keep the track length of the ground pins as short as possible.
(4)
Connect a bypass capacitor (e.g. 1 000 pF) to the VCC pin.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered in the following recommended conditions. Other soldering method and conditions than
the recommended conditions are to be consulted with our sales representatives.
µPC8100GR
Soldering conditions
Peak package’s surface temperature: 235
°C or below,
Reflow time: 30 seconds or below (210
°C or higher),
Number of reflow process: 2, Exposure limit*: None
Peak package’s surface temperature: 215
°C or below,
Reflow time: 40 seconds or below (200
°C or higher),
Number of reflow process: 2, Exposure limit*: None
Solder temperature: 260
°C or below,
Flow time: 10 seconds or below
Number of flow process: 1, Exposure limit*: None
Terminal temperature: 300
°C or below,
Flow time: 10 seconds or below,
Exposure limit*: None
Soldering
process
Infrared ray reflow
VPS
Wave soldering
Partial heating method
Symbol
IR35–00-2
VP15–00-2
WS60–00-1
*:
Exposure limit before soldering after dry-pack package is opened.
Storage conditions: 25
°C and relative humidity at 65 % or less.
Note:
Apply only a single process at once, except for “Partial heating method”.
For details of recommended soldering conditions for surface mounting, refer to information document SEMICONDUCTOR
DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E).


Similar Part No. - UPC8100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8100GR RENESAS-UPC8100GR Datasheet
275Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC8100GR-E2 RENESAS-UPC8100GR-E2 Datasheet
275Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results

Similar Description - UPC8100

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1851N SONY-CXA1851N Datasheet
223Kb / 12P
   Up/Down Converter for 900 MHz-Band Mobile Communications
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC1686GV CEL-UPC1686GV Datasheet
198Kb / 8P
   900 MHz SILICON MMIC DOWN CONVERTER
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
   900 MHz SILICON RFIC DOWN CONVERTER
logo
Teledyne Technologies I...
AC986 TELEDYNE-AC986 Datasheet
174Kb / 2P
   800 TO 900 MHz TO-8 CASCADABLE AMPLIFIER
AC885 TELEDYNE-AC885 Datasheet
172Kb / 2P
   800 TO 900 MHz TO-8 CASCADABLE AMPLIFIER
logo
Fujitsu Component Limit...
VC-23 FUJITSU-VC-23 Datasheet
105Kb / 11P
   ASSP for Mobile Telephone VCO (800 to 2000 MHz)
logo
Panasonic Semiconductor
AN26018A PANASONIC-AN26018A Datasheet
335Kb / 14P
   LNA IC for UHF Band (400 MHz to 800 MHz) Applications
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_1 Datasheet
1Mb / 171P
   Low Power 700/800/900 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com