Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH60M2DPP-M0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJH60M2DPP-M0
Description  600V - 12A - IGBT Application: Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60M2DPP-M0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJH60M2DPP-M0_15 Datasheet HTML 1Page - Renesas Technology Corp RJH60M2DPP-M0_15 Datasheet HTML 2Page - Renesas Technology Corp RJH60M2DPP-M0_15 Datasheet HTML 3Page - Renesas Technology Corp RJH60M2DPP-M0_15 Datasheet HTML 4Page - Renesas Technology Corp RJH60M2DPP-M0_15 Datasheet HTML 5Page - Renesas Technology Corp RJH60M2DPP-M0_15 Datasheet HTML 6Page - Renesas Technology Corp RJH60M2DPP-M0_15 Datasheet HTML 7Page - Renesas Technology Corp RJH60M2DPP-M0_15 Datasheet HTML 8Page - Renesas Technology Corp RJH60M2DPP-M0_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RJH60M2DPP-M0
Preliminary
R07DS0530EJ0300 Rev.3.00
Page 2 of 9
May 25, 2012
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector to emitter breakdown voltage
V(BR)CES
600
V
Iy = 10
A, V
GE = 0
Zero gate voltage collector current
/ Diode reverse current
ICES / IR
5
A
VCE = 600 V, VGE = 0
Gate to emitter leak current
IGES
±1
A
VGE = ±30 V, VCE = 0
Gate to emitter cutoff voltage
VGE(off)
5
7
V
VCE = 10 V, IC = 1 mA
VCE(sat)
1.9
2.5
V
IC = 12 A, VGE = 15 V
Note3
Collector to emitter saturation voltage
VCE(sat)
2.8
V
IC = 25 A, VGE = 15 V
Note3
Input capacitance
Cies
430
pF
Output capacitance
Coes
40
pF
Reverse transfer capacitance
Cres
15
pF
VCE = 25 V
VGE = 0
f = 1 MHz
Total gate charge
Qg
33
nC
Gate to emitter charge
Qge
5
nC
Gate to collector charge
Qgc
19
nC
VGE = 15 V
VCE = 300 V
IC = 12 A
Turn-on delay time
td(on)
32
ns
Rise time
tr
18
ns
Turn-off delay time
td(off)
70
ns
Fall time
tf
45
ns
Turn-on energy
Eon
0.18
mJ
Turn-off energy
Eoff
0.18
mJ
Total switching energy
Etotal
0.36
mJ
VCC = 300 V
VGE = 15 V
IC = 12 A
Rg = 5

Inductive load
Short circuit withstand time
tsc
6
8
s
Tc = 100
C
VCC  360 V, VGE = 15 V
FRD Forward voltage
VF
1.2
1.6
V
IF = 12 A
Note3
FRD reverse recovery time
trr
85
ns
FRD reverse recovery charge
Qrr
0.14
C
FRD peak reverse recovery current
Irr
4.2
A
IF = 12 A
diF/dt = 100 A/s
Notes: 3. Pulse test.


Similar Part No. - RJH60M2DPP-M0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60M2DPP-M0 RENESAS-RJH60M2DPP-M0 Datasheet
60Kb / 4P
   600 V - 12 A - IGBT Application: Inverter
More results

Similar Description - RJH60M2DPP-M0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_15 Datasheet
108Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60D2DPP-E0 RENESAS-RJH60D2DPP-E0 Datasheet
120Kb / 10P
   600V - 12A - IGBT Application: Inverter
Nov 01, 2012
RJH60V2BDPP-M0 RENESAS-RJH60V2BDPP-M0 Datasheet
102Kb / 10P
   600V - 12A - IGBT Application: Inverter
May 25, 2012
RJH60V2BDPP-M0 RENESAS-RJH60V2BDPP-M0_15 Datasheet
103Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60V2BDPE RENESAS-RJH60V2BDPE Datasheet
98Kb / 10P
   600V - 12A - IGBT Application: Inverter
Apr 25, 2012
RJH60D2DPE RENESAS-RJH60D2DPE_15 Datasheet
107Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60D2DPP-E0 RENESAS-RJH60D2DPP-E0_15 Datasheet
120Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60M2DPE RENESAS-RJH60M2DPE_15 Datasheet
99Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60V2BDPE RENESAS-RJH60V2BDPE_15 Datasheet
98Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60D6DPQ-E0 RENESAS-RJH60D6DPQ-E0 Datasheet
108Kb / 10P
   600V - 40A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com