Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRP840 Datasheet(PDF) 2 Page - Intersil Corporation

Part # RHRP840
Description  8A, 400V - 600V Hyperfast Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RHRP840 Datasheet(HTML) 2 Page - Intersil Corporation

  RHRP840 Datasheet HTML 1Page - Intersil Corporation RHRP840 Datasheet HTML 2Page - Intersil Corporation RHRP840 Datasheet HTML 3Page - Intersil Corporation RHRP840 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Specifications
TC =25
oC, Unless Otherwise Specified
SYMBOL
TEST CONDITION
RHRP840
RHRP860
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VF
IF = 8A
-
-
2.1
-
-
2.1
V
IF = 8A, TC = 150
oC
-
-
1.7
-
-
1.7
V
IR
VR = 400V
-
-
100
-
-
-
µA
VR = 600V
-
-
-
-
-
100
µA
VR = 400V, TC = 150
oC
-
-
500
-
-
-
µA
VR = 600V, TC = 150
oC
-
----
500
µA
trr
IF = 1A, dIF/dt = 200A/µs-
-
30
-
-
30
ns
IF = 8A, dIF/dt = 200A/µs-
-
35
-
-
35
ns
ta
IF = 8A, dIF/dt = 200A/µs
-
18
-
-
18
-
ns
tb
IF = 8A, dIF/dt = 200A/µs
-
10
-
-
10
-
ns
QRR
IF = 8A, dIF/dt = 200A/µs
-
56
-
-
56
-
nC
CJ
VR = 10V, IF = 0A
-
25
-
-
25
-
pF
RθJC
--
2
-
-
2
oC/W
DEFINITIONS
VF = Instantaneous forward voltage (pw = 300µs, D = 2%).
IR = Instantaneous reverse current.
trr = Reverse recovery time (See Figure 9), summation of ta +tb.
ta = Time to reach peak reverse current (See Figure 9).
tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 9).
QRR = Reverse recovery charge.
CJ = Junction capacitance.
RθJC = Thermal resistance junction to case.
pw = Pulse width.
D = Duty cycle.
Typical Performance Curves
FIGURE 1. FORWARD CURRENT vs FORWARD VOLTAGE
FIGURE 2. REVERSE CURRENT vs REVERSE VOLTAGE
VF, FORWARD VOLTAGE (V)
1
40
0.5
10
0
0.5
1
1.5
2
2.5
3
175oC
25oC
100oC
VR, REVERSE VOLTAGE (V)
0
200
400
600
300
500
1000
0.01
0.1
1
10
100
100
175oC
100oC
25oC
RHRP840, RHRP860


Similar Part No. - RHRP840

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP840 FAIRCHILD-RHRP840 Datasheet
365Kb / 5P
   8A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRP840CC INTERSIL-RHRP840CC Datasheet
49Kb / 4P
   8A, 400V - 600V Hyperfast Dual Diodes
More results

Similar Description - RHRP840

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP840 FAIRCHILD-RHRP840 Datasheet
365Kb / 5P
   8A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRP840CC INTERSIL-RHRP840CC Datasheet
49Kb / 4P
   8A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRP860 FAIRCHILD-RHRP860_11 Datasheet
484Kb / 5P
   8A,600V Hyperfast Diodes
RHRP860_F085 FAIRCHILD-RHRP860_F085 Datasheet
484Kb / 5P
   8A,600V Hyperfast Diodes
logo
Intersil Corporation
MUR840 INTERSIL-MUR840 Datasheet
49Kb / 4P
   8A, 400V - 600V Ultrafast Diodes
logo
Fairchild Semiconductor
MUR840 FAIRCHILD-MUR840 Datasheet
77Kb / 5P
   8A, 400V - 600V Ultrafast Diodes
logo
Intersil Corporation
RURD840 INTERSIL-RURD840 Datasheet
49Kb / 4P
   8A, 400V - 600V Ultrafast Diodes
logo
Fairchild Semiconductor
RHRP1560 FAIRCHILD-RHRP1560 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
RHRD440 FAIRCHILD-RHRD440 Datasheet
353Kb / 5P
   4A, 400V - 600V Hyperfast Diodes
RHRP3040 FAIRCHILD-RHRP3040 Datasheet
341Kb / 5P
   30A, 400V - 600V Hyperfast Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com