Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXRS610 Datasheet(PDF) 11 Page - Analog Devices

Part No. ADXRS610
Description  300/sec Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADXRS610 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADXRS610_15 Datasheet HTML 4Page - Analog Devices ADXRS610_15 Datasheet HTML 5Page - Analog Devices ADXRS610_15 Datasheet HTML 6Page - Analog Devices ADXRS610_15 Datasheet HTML 7Page - Analog Devices ADXRS610_15 Datasheet HTML 8Page - Analog Devices ADXRS610_15 Datasheet HTML 9Page - Analog Devices ADXRS610_15 Datasheet HTML 10Page - Analog Devices ADXRS610_15 Datasheet HTML 11Page - Analog Devices ADXRS610_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADXRS610
Rev. A | Page 11 of 12
OUTLINE DIMENSIONS
A
B
C
D
E
F
G
7654
3
TOP VIEW
DETAIL A
BALL DIAMETER
0.60
0.55
0.50
0.60 MAX
0.25 MIN
COPLANARITY
0.15
21
*A1 CORNER
INDEX AREA
3.20 MAX
2.50 MIN
*BALL A1 IDENTIFIER IS GOLD PLATED AND CONNECTED
TO THE D/A PAD INTERNALLY VIA HOLES.
7.05
6.85 SQ
6.70
A1 BALL
CORNER
BOTTOM VIEW
DETAIL A
0.80
BSC
4.80
BSC SQ
SEATING
PLANE
3.80 MAX
Figure 24. 32-Lead Ceramic Ball Grid Array [CBGA]
(BG-32-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADXRS610BBGZ
–40°C to +105°C
32-Lead Ceramic Ball Grid Array (CBGA)
BG-32-3
ADXRS610BBGZ-RL
–40°C to +105°C
32-Lead Ceramic Ball Grid Array (CBGA)
BG-32-3
ADXRS610WBBGZA
–40°C to +105°C
32-Lead Ceramic Ball Grid Array (CBGA)
BG-32-3
ADXRS610WBBGZA-RL
–40°C to +105°C
32-Lead Ceramic Ball Grid Array (CBGA)
BG-32-3
EVAL-ADXRS610Z
Evaluation Board
1 Z = RoHS Compliant Part.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn