Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXRS610 Datasheet(PDF) 8 Page - Analog Devices

Part No. ADXRS610
Description  300/sec Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADXRS610 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADXRS610_15 Datasheet HTML 4Page - Analog Devices ADXRS610_15 Datasheet HTML 5Page - Analog Devices ADXRS610_15 Datasheet HTML 6Page - Analog Devices ADXRS610_15 Datasheet HTML 7Page - Analog Devices ADXRS610_15 Datasheet HTML 8Page - Analog Devices ADXRS610_15 Datasheet HTML 9Page - Analog Devices ADXRS610_15 Datasheet HTML 10Page - Analog Devices ADXRS610_15 Datasheet HTML 11Page - Analog Devices ADXRS610_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADXRS610
Rev. A | Page 8 of 12
1.6
0
100
10k
(Hz)
1k
1.4
1.2
1.0
0.8
0.4
0.2
0.6
LONG
LAT
RATE
Figure 16. Typical Response to 10 g Sinusoidal Vibration
(Sensor Bandwidth = 2 kHz)
400
300
200
100
0
–100
–200
–300
–400
0250
150
100
200
50
(ms)
DUT1 OFFSET BY +200°/sec
DUT2 OFFSET BY –200°/sec
Figure 17. Typical High g (2500 g) Shock Response
(Sensor Bandwidth = 40 Hz)
1
0.1
0.01
0.001
0.01
0.1
100k
10k
1k
100
10
1
AVERAGE TIME (Seconds)
Figure 18. Typical Root Allan Deviation at 25°C vs. Averaging Time
0.10
–0.05
0
0.05
–0.10
0
140
120
100
80
60
40
20
TIME (Hours)
Figure 19. Typical Shift in 90 sec Null Averages Accumulated
over 140 Hours
0.10
0.05
0
–0.05
–0.10
0
3600
1800
1200
3000
2400
600
TIME (Seconds)
Figure 20. Typical Shift in Short Term Null (Bandwidth = 1 Hz)
0.1
0.001
0.01
0.0001
10
100k
1k
100
(Hz)
10k
Figure 21. Typical Noise Spectral Density (Bandwidth = 40 Hz)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn