Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXRS610 Datasheet(PDF) 7 Page - Analog Devices

Part No. ADXRS610
Description  300/sec Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADXRS610 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADXRS610_15 Datasheet HTML 3Page - Analog Devices ADXRS610_15 Datasheet HTML 4Page - Analog Devices ADXRS610_15 Datasheet HTML 5Page - Analog Devices ADXRS610_15 Datasheet HTML 6Page - Analog Devices ADXRS610_15 Datasheet HTML 7Page - Analog Devices ADXRS610_15 Datasheet HTML 8Page - Analog Devices ADXRS610_15 Datasheet HTML 9Page - Analog Devices ADXRS610_15 Datasheet HTML 10Page - Analog Devices ADXRS610_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADXRS610
Rev. A | Page 7 of 12
50
45
40
35
30
25
0
5
10
15
20
–5
–4
–3
–2
–1
1
2
3
4
5
0
% MISMATCH
Figure 10. Self-Test Mismatch at 25°C (VRATIO = 5 V)
600
400
200
0
–600
–400
–200
–40
–20
0
20
40
80
100
120
60
TEMPERATURE (°C)
ST1
ST2
Figure 11. Typical Self-Test Change over Temperature
40
35
30
25
0
5
10
15
20
3.0
3.1 3.2 3.3
3.4 3.5
3.7
3.8 3.9 4.0
4.1
3.6
(mA)
Figure 12. Current Consumption at 25°C (VRATIO = 5 V)
40
35
30
25
0
5
10
15
20
2.40 2.42 2.44 2.46 2.48 2.50
2.54 2.56 2.58 2.60
2.52
VOLTS
Figure 13. VTEMP Output at 25°C (VRATIO = 5 V)
3.3
3.1
2.9
2.7
1.5
2.1
1.9
1.7
2.3
2.5
–40
–20
0
20
40
60
100
120
80
TEMPERATURE (°C)
256 PARTS
Figure 14. VTEMP Output over Temperature (VRATIO = 5 V)
60
50
30
40
10
20
–20
–10
0
750
770
810
830
850
790
TIME (ms)
Y
REF
X
+45°
–45°
Figure 15. g and g × g Sensitivity for a 50 g, 10 ms Pulse


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn