Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXRS610 Datasheet(PDF) 6 Page - Analog Devices

Part No. ADXRS610
Description  300/sec Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADXRS610 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADXRS610_15 Datasheet HTML 2Page - Analog Devices ADXRS610_15 Datasheet HTML 3Page - Analog Devices ADXRS610_15 Datasheet HTML 4Page - Analog Devices ADXRS610_15 Datasheet HTML 5Page - Analog Devices ADXRS610_15 Datasheet HTML 6Page - Analog Devices ADXRS610_15 Datasheet HTML 7Page - Analog Devices ADXRS610_15 Datasheet HTML 8Page - Analog Devices ADXRS610_15 Datasheet HTML 9Page - Analog Devices ADXRS610_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADXRS610
Rev. A | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
N > 1000 for all typical performance plots, unless otherwise noted.
16
0
2
4
6
8
10
12
14
VOLTS
Figure 4. Null Output at 25°C (VRATIO = 5 V)
25
0
5
10
15
20
(°/sec/°C)
Figure 5. Null Drift over Temperature (VRATIO = 5 V)
30
0
5
10
15
20
25
5.35.45.55.65.75.85.96.06.16.26.36.46.56.6 6.7
(mV/°/sec)
Figure 6. Sensitivity at 25°C (VRATIO = 5 V)
25
0
5
10
15
20
–7
–5 –4
–6
–3 –2 –1
0
1
2
3
4
5
6
7
% DRIFT
Figure 7. Sensitivity Drift over Temperature
45
40
35
30
25
0
5
10
15
20
–570
–530
–490
–450
–370
–410
–330
(mV)
Figure 8. ST1 Output Change at 25°C (VRATIO = 5 V)
45
40
35
30
25
0
5
10
15
20
330
370 390
350
410 430 450 470
510 530
490
550 570
(mV)
Figure 9. ST2 Output Change at 25°C (VRATIO = 5 V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn