Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXRS610 Datasheet(PDF) 4 Page - Analog Devices

Part No. ADXRS610
Description  300/sec Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADXRS610 Datasheet(HTML) 4 Page - Analog Devices

  ADXRS610_15 Datasheet HTML 1Page - Analog Devices ADXRS610_15 Datasheet HTML 2Page - Analog Devices ADXRS610_15 Datasheet HTML 3Page - Analog Devices ADXRS610_15 Datasheet HTML 4Page - Analog Devices ADXRS610_15 Datasheet HTML 5Page - Analog Devices ADXRS610_15 Datasheet HTML 6Page - Analog Devices ADXRS610_15 Datasheet HTML 7Page - Analog Devices ADXRS610_15 Datasheet HTML 8Page - Analog Devices ADXRS610_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADXRS610
Rev. A | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration (Any Axis, 0.5 ms)
Unpowered
2000 g
Powered
2000 g
VDD, AVCC
−0.3 V to +6.0 V
VRATIO
AVCC
ST1, ST2
AVCC
Output Short-Circuit Duration
(Any Pin to Common)
Indefinite
Operating Temperature Range
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under the Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Drops onto hard surfaces can cause shocks of greater than
2000 g and can exceed the absolute maximum rating of the
device. Exercise care during handling to avoid damage.
RATE SENSITIVE AXIS
The ADXRS610 is a Z-axis rate-sensing device (also called a
yaw rate sensing device). It produces a positive going output
voltage for clockwise rotation about the axis normal to the
package top, that is, clockwise when looking down at the
package lid.
RATE
AXIS
LONGITUDINAL
AXIS
LATERAL AXIS
+
AB C D
G
1
7
EF
A1
RATE OUT
RATE IN
4.75V
0.25V
VCC = 5V
VRATIO/2
GND
4.75
VRATIO/2
Figure 2. RATEOUT Signal Increases with Clockwise Rotation
ESD CAUTION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn