Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRG7560 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RHRG7560
Description  75A, 600V Hyperfast Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RHRG7560 Datasheet(HTML) 3 Page - Intersil Corporation

  RHRG7560 Datasheet HTML 1Page - Intersil Corporation RHRG7560 Datasheet HTML 2Page - Intersil Corporation RHRG7560 Datasheet HTML 3Page - Intersil Corporation RHRG7560 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FIGURE 3. trr,ta AND tb CURVES vs FORWARD CURRENT
FIGURE 4. trr,ta AND tb CURVES vs FORWARD CURRENT
FIGURE 5. trr,ta AND tb CURVES vs FORWARD CURRENT
FIGURE 6. CURRENT DERATING CURVE
FIGURE 7. JUNCTION CAPACITANCE vs REVERSE VOLTAGE
Typical Performance Curves (Continued)
IF, FORWARD CURRENT (A)
60
0
20
10
1
30
50
75
tb
40
10
trr
ta
TC = 25
oC, dI
F/dt = 200A/µs
tb
IF, FORWARD CURRENT (A)
100
0
50
25
75
1
10
75
125
trr
ta
TC = 100
oC, dI
F/dt = 200A/µs
IF, FORWARD CURRENT (A)
200
0
50
75
1
150
10
tb
100
trr
ta
TC = 175
oC, dI
F/dt = 200A/µs
75
15
0
75
125
175
150
30
45
60
TC, CASE TEMPERATURE (
oC)
100
DC
SQ. WAVE
50
25
VR, REVERSE VOLTAGE (V)
200
100
0
400
0
50
100
150
200
600
300
500
RHRG7560


Similar Part No. - RHRG7560

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG75100 INTERSIL-RHRG75100 Datasheet
61Kb / 4P
   75A, 700V - 1000V Hyperfast Diodes
logo
Fairchild Semiconductor
RHRG75120 FAIRCHILD-RHRG75120 Datasheet
341Kb / 4P
   75A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG75120 INTERSIL-RHRG75120 Datasheet
32Kb / 3P
   75A, 1200V Hyperfast Diode
logo
Inchange Semiconductor ...
RHRG75120 ISC-RHRG75120 Datasheet
283Kb / 2P
   Ultra fast Rectifier
logo
Intersil Corporation
RHRG7570 INTERSIL-RHRG7570 Datasheet
61Kb / 4P
   75A, 700V - 1000V Hyperfast Diodes
More results

Similar Description - RHRG7560

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRU7540 INTERSIL-RHRU7540 Datasheet
60Kb / 4P
   75A, 400V - 600V Hyperfast Diodes
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
   75A, 1200V Hyperfast Diode
RHRG75120 INTERSIL-RHRG75120 Datasheet
32Kb / 3P
   75A, 1200V Hyperfast Diode
logo
Fairchild Semiconductor
RHRG75120 FAIRCHILD-RHRG75120 Datasheet
341Kb / 4P
   75A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG5060 INTERSIL-RHRG5060 Datasheet
48Kb / 4P
   50A, 600V Hyperfast Diode
RHRU10060 INTERSIL-RHRU10060 Datasheet
42Kb / 3P
   100A, 600V Hyperfast Diode
logo
Fairchild Semiconductor
RHRG5060 FAIRCHILD-RHRG5060 Datasheet
348Kb / 5P
   50A, 600V Hyperfast Diode
logo
Intersil Corporation
RHRU15060 INTERSIL-RHRU15060 Datasheet
40Kb / 3P
   150A, 600V Hyperfast Diode
RHR1K160 INTERSIL-RHR1K160 Datasheet
113Kb / 8P
   1A, 600V Hyperfast Diode
logo
Nihon Inter Electronics...
PCHMB75A6A NIEC-PCHMB75A6A_1 Datasheet
115Kb / 3P
   75A 600V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com