Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZM27N Datasheet(PDF) 5 Page - Guangdong Kexin Industrial Co.,Ltd

Part # PZM27N
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

PZM27N Datasheet(HTML) 5 Page - Guangdong Kexin Industrial Co.,Ltd

  PZM27N Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd PZM27N Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd PZM27N Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd PZM27N Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd PZM27N Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD Type
www.kexin.com.cn
5
Diodes
Typical Characterisitics
Fig.1 Forward current as a function of
forward voltage; typical values.
Tj = 25 °C.
handbook, halfpage
0
.
1
6
.
0
300
100
0
200
0.8
VF (V)
IF
(mA)
Fig.2 Temperature coefficient as a function of
working current; typical values.
PZM2.4N to PZM4.3N.
Tj = 25 °C to 150 °C.
handbook, halfpage
0
6
0
0
2
3
1
20
40
IZ (mA)
SZ
(mV/K)
4V3
3V9
3V6
3V0
2V4
2V7
3V3
Fig.3 Temperature coefficient as a function of
working current; typical values.
PZM4.7N to PZM12N.
Tj = 25 °C to 150 °C.
handbook, halfpage
0
2
0
16
10
0
5
5
4
8
12
IZ (mA)
SZ
(mV/K)
4V7
12
11
10
9V1
8V2
7V5
6V8
6V2
5V6
5V1
Fig.4 Power derating curve.
handbook, halfpage
0
50
100
200
Ptot
(mW)
Tj (°C)
400
300
100
0
200
150
PZM-N Series (KZM-N Series)


Similar Part No. - PZM27N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZM27N PHILIPS-PZM27N Datasheet
75Kb / 12P
   Voltage regulator diodes
1999 Jan 28
PZM27NB PHILIPS-PZM27NB Datasheet
75Kb / 12P
   Voltage regulator diodes
1999 Jan 28
More results

Similar Description - PZM27N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com