Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZM27N Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # PZM27N
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

PZM27N Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  PZM27N Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd PZM27N Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd PZM27N Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd PZM27N Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd PZM27N Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Type
www.kexin.com.cn
4
Diodes
.
Marking
TYPE
NUMBER
MARKING CODE
TYPE
NUMBER
MARKING CODE
3
B
2
B
1
B
B
3
B
2
B
1
B
B
PZM2.4N
2V4
PZM15N
15V
151
152
153
PZM2.7N
2V7
271
272
PZM16N
16V
161
162
163
PZM3.0N
3V0
301
302
PZM18N
18V
181
182
183
PZM3.3N
3V3
331
332
PZM20N
20V
201
202
203
PZM3.6N
3V6
361
362
PZM22N
22V
221
222
223
PZM3.9N
3V9
391
392
PZM24N
24V
241
242
243
PZM4.3N
4V3
431
432
433
PZM27N
27V
PZM4.7N
4V7
471
472
473
PZM30N
30V
PZM5.1N
5V1
511
512
513
PZM33N
33V
PZM5.6N
5V6
561
562
563
PZM36N
36V
PZM6.2N
6V2
621
622
623
PZM39N
39V
PZM6.8N
6V8
681
682
683
PZM43N
43V
PZM7.5N
7V5
751
752
753
PZM47N
47V
PZM8.2N
8V2
821
822
823
PZM51N
51V
PZM9.1N
9V1
911
912
913
PZM56N
56V
PZM10N
10V
101
102
103
PZM62N
62V
PZM11N
11V
111
112
113
PZM68N
68V
PZM12N
12V
121
122
123
PZM75N
75V
PZM13N
13V
131
132
133
PZM-N Series (KZM-N Series)


Similar Part No. - PZM27N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZM27N PHILIPS-PZM27N Datasheet
75Kb / 12P
   Voltage regulator diodes
1999 Jan 28
PZM27NB PHILIPS-PZM27NB Datasheet
75Kb / 12P
   Voltage regulator diodes
1999 Jan 28
More results

Similar Description - PZM27N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com