Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZM3.0N Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # PZM3.0N
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

PZM3.0N Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  PZM3.0N Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd PZM3.0N Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd PZM3.0N Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd PZM3.0N Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd PZM3.0N Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Type
www.kexin.com.cn
3
Diodes
Electrical Characteristics Ta = 25℃
Table1 Per type; PZM2.4N to PZM24N
Tj = 25 °C unless otherwise specified.
PZM
-XXX
WORKING VOLTAGE
VZ (V)
at IZ = 5 mA; tm = 40 ms
DIFFERENTIAL
RESISTANCE
rdif (Ω)
TEMP.
COEFF.
SZ (mV/K)
at
IZ = 5 mA
DIODE
CAP.
Cd (pF)
at
f = 1 MHz;
VR = 0
NON-REPETITIVE
PEAK REVERSE
CURRENT
IZSM (A)
at tp = 100 µs;
Tamb = 25 °C
B
B1
B2
B3
IZ = 1 mA
IZ = 5 mA
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. TYP. MAX. TYP. MAX.
TYP.
MAX.
MAX.
2.4N
2.30
2.60
275
400
70
100
1.6
450
8.00
2.7N
2.50
2.90
2.50
2.75
2.65
2.90
300
450
75
100
2.0
440
8.00
3.0N
2.80
3.20
2.80
3.05
2.95
3.20
325
500
80
95
2.1
425
8.00
3.3N
3.10
3.50
3.10
3.35
3.25
3.50
350
500
85
95
2.4
410
8.00
3.6N
3.40
3.80
3.40
3.65
3.55
3.80
375
500
85
90
2.4
390
8.00
3.9N
3.70
4.10
3.70
3.97
3.87
4.10
400
500
85
90
2.5
370
8.00
4.3N
4.01
4.48
4.01
4.21
4.15
4.34
4.28
4.48
410
600
80
90
2.5
350
8.00
4.7N
4.42
4.90
4.42
4.61
4.55
4.75
4.69
4.90
425
500
50
80
1.4
325
8.00
5.1N
4.84
5.37
4.84
5.04
4.98
5.20
5.14
5.37
400
480
40
60
0.8
300
8.00
5.6N
5.31
5.92
5.31
5.55
5.49
5.73
5.67
5.92
80
400
15
40
1.2
275
8.00
6.2N
5.86
6.53
5.86
6.12
6.06
6.33
6.26
6.53
40
150
6
10
2.3
250
8.00
6.8N
6.47
7.14
6.47
6.73
6.65
6.93
6.86
7.14
30
80
6
15
3.0
215
8.00
7.5N
7.06
7.84
7.06
7.36
7.28
7.60
7.52
7.84
15
80
2
10
4.0
170
3.50
8.2N
7.76
8.64
7.76
8.10
8.02
8.36
8.28
8.64
20
80
2
10
4.6
150
3.50
9.1N
8.56
9.55
8.56
8.93
8.85
9.23
9.15
9.55
20
100
2
10
5.5
120
3.50
10N
9.45 10.55
9.45
9.87
9.77 10.21 10.11 10.55
20
150
2
10
6.4
110
3.50
11N
10.44 11.56 10.44 10.88 10.76 11.22 11.10 11.56
25
150
2
10
7.4
108
3.00
12N
11.42 12.60 11.42 11.90 11.74 12.24 12.08 12.60
25
150
2
10
8.4
105
3.00
13N
12.47 13.96 12.47 13.03 12.91 13.49 13.37 13.96
25
170
2
10
9.4
103
2.50
15N
13.84 15.52 13.84 14.46 14.34 14.98 14.85 15.52
25
200
3
15
11.4
99
2.00
16N
15.37 17.09 15.37 16.01 15.85 16.51 16.35 17.09
25
200
4
20
12.4
97
1.50
18N
16.94 19.03 16.94 17.70 17.56 18.35 18.21 19.03
25
225
4
20
14.4
93
1.50
20N
18.86 21.08 18.86 19.70 19.52 20.39 20.21 21.08
30
225
4
20
16.4
88
1.50
22N
20.88 23.17 20.88 21.77 21.54 22.47 22.23 23.17
30
250
5
25
18.4
84
1.25
24N
22.93 25.57 22.93 23.96 23.72 24.78 24.54 25.57
30
250
6
30
20.4
80
1.25
Table 2 Per type; PZM27N to PZM75N
Tj = 25 °C unless otherwise specified.
PZM
-XXX
WORKING VOLTAGE
VZ (V)
at IZ = 2 mA; tm = 40 ms
DIFFERENTIAL
RESISTANCE
rdif (Ω)
TEMP.
COEFF.
SZ (mV/K)
at
IZ = 2 mA
DIODE
CAP.
Cd (pF)
at
f = 1 MHz;
VR = 0
NON-REPETITIVE
PEAK REVERSE
CURRENT
IZSM (A)
at tp = 100 µs;
Tamb = 25 °C
B
B1
B2
B3
IZ = 0.5 mA
IZ = 2 mA
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. TYP.
MAX. TYP. MAX.
TYP.
MAX.
MAX.
27N
25.10 28.90
35
250
8
40
23.4
73
1.00
30N
28.00 32.00
35
250
10
40
26.6
66
1.00
33N
31.00 35.00
40
275
11
40
29.7
60
0.90
36N
34.00 38.00
40
300
15
60
33.0
59
0.80
39N
37.00 41.00
40
300
25
75
36.4
58
0.70
43N
40.00 46.00
45
325
30
80
41.2
56
0.60
47N
44.00 50.00
45
325
30
90
46.1
55
0.50
51N
48.00 54.00
45
350
35
110
51.0
52
0.40
56N
52.00 60.00
50
375
40
120
57.0
49
0.30
62N
58.00 66.00
60
400
50
140
64.4
44
0.30
68N
64.00 72.00
75
400
55
160
71.7
40
0.25
75N
70.00 79.00
85
400
70
175
80.2
35
0.20
PZM-N Series (KZM-N Series)


Similar Part No. - PZM3.0N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZM3.0N PHILIPS-PZM3.0N Datasheet
75Kb / 12P
   Voltage regulator diodes
1999 Jan 28
PZM3.0NB PHILIPS-PZM3.0NB Datasheet
75Kb / 12P
   Voltage regulator diodes
1999 Jan 28
PZM3.0NB1 PHILIPS-PZM3.0NB1 Datasheet
75Kb / 12P
   Voltage regulator diodes
1999 Jan 28
PZM3.0NB2 PHILIPS-PZM3.0NB2 Datasheet
75Kb / 12P
   Voltage regulator diodes
1999 Jan 28
PZM3.0NB2A PHILIPS-PZM3.0NB2A Datasheet
59Kb / 12P
   Voltage regulator double diodes
1999 Jun 11
More results

Similar Description - PZM3.0N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com