Electronic Components Datasheet Search |
|
FU-68PDF-510M53B Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor |
|
FU-68PDF-510M53B Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor |
3 / 5 page MITSUBISHI (OPTICAL DEVICES) FU-68PDF-V510MxxB 1.55 mm DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION) THERMAL CHARACTERISTICS (Tld=Tset, Tc=-20~70 °C) Parameter Symbol Test Conditions Limits Unit Min. Typ. Max. Thermistor resistance Rth Tld=25 9.5 10 10.5 k W B constant of Rth B - - 3950 - K Cooling capacity DT Pf=10mW, Tc=70 °C 50 - - °C Cooler current Ipe Pf=10mW, Tc=70 °C, Tld=Tset - 0.6 1 A Cooler voltage Vpe Pf=10mW, Tc=70 °C, Tld=Tset - 1.2 2 V FIBER PIGTAIL SPECIFICATIONS Parameter Limits Unit Type PM (Note 3) - Mode field diameter 11 1 mm Cladding diameter 125 3 mm Secondary coating outer diameter 0.9 0.1 mm Polarization axis slow axis - Connector FC/PC - Optical return loss of connector 40 (min) dB Note 3) PMF - Sumitomo Panda fiber (PM-155) DOCUMENTATION (Tld=Tset) Fiber output power vs. Laser forward current at Tld=Tset and Tc=-20,25,70 °C Threshold current (Ith) Laser forward current (Iop) at Pf=10mW Laser forward voltage (Vop) at Pf=10mW Laser operating temperature (Tset) at lc (Note 4) Monitor current (Imon) at Pf=10mW Thermistor resistance (Rth) Cooler current (Ipe) at Pf=10mW and Tc=70 °C Cooler voltage (Vpe) at Pf=10mW and Tc=70 °C Note 4) Tset is attached as a reference data. Rth should be used in order to tune the wavelength to the specified value accurately. |
Similar Part No. - FU-68PDF-510M53B |
|
Similar Description - FU-68PDF-510M53B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |