Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX84C18T Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. BZX84C18T
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BZX84C18T Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  BZX84C18T Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BZX84C18T Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BZX84C18T Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Diodes
BZX84C2V4T-BZX84C39T
Typical Characterisitics
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
9
10
V , ZENER VOLTAGE (V)
Z
Fig. 2 Zener Breakdown Characteristics
T = 25°
C
j
C 2V 7
C 3V 3
C 3V 9
C 4V 7
C 5V 6
C 6V 8
C 8V 2
TestC urrentI
Z
5.0m A
200
T , AMBIENT TEMPERATURE, °C
A
Fig. 1. Power Derating Curve
S ee Note 1
100
150
50
0
250
0
100
200
0
10
20
30
0
V , ZENER VOLTAGE (V)
Z
Fig. 3. Zener Breakdown Characteristics
10
20
30
40
T = 25°
C
j
TestcurrentI
Z
5m A
C 10
C 12
C 18
C 22
C 27
C 33
C 36
C 15
C 39
10
100
1000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Z
Fig. 4. Total Capacitance vs Nominal Zener Voltage
T = 25 °
C
j
V
= 1V
R
V
= 2V
R
V
= 1V
R
V
= 2V
R
(KZX84C2V4T-KZX84C39T)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn