Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZT55B22 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. BZT55B22
Description  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BZT55B22 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BZT55B22 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BZT55B22 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BZT55B22 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd BZT55B22 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Zener Diodes
BZT55B2V4 ~ BZT55B75
Features
Very sharp reverse characteristic
Low reverse current level
Very high stability
Low noise
2.64REF
0.50
0.35
3.60
3.30
1.50
1.30
LL-34
Unit: mm
CATHODE BAND
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Forward voltage @ IF=200mA
VF
1.5
V
Zener current
IZ
Pv/Vz
mA
Power Dissipation @ RθJA≤300 ℃/W
PD
500
mW
Thermal Resistance Junction to Ambient
RθJA
500
/W
Junction Temperature
TJ
175
Storage Temperature range
Tstg
-65 to 175


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn