Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZT55B20 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. BZT55B20
Description  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BZT55B20 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  BZT55B20 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BZT55B20 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BZT55B20 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd BZT55B20 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
Diodes
.
Zener Diodes
BZT55B2V4 ~ BZT55B75
Typical Characterisitics
Fig. 7 - Z-Current vs. Z-Voltage
Fig. 8 - Z-Current vs. Z-Voltage
Fig. 9 - Differential Z-Resistance vs. Z-Voltage
Fig. 10 - Thermal Response
8
20
0
20
40
60
80
100
Ptot = 500 mW
Tamb = 25 °C
0
4
6
12
VZ - Z-Voltage (V)
15
20
25
30
0
10
20
30
40
50
VZ - Z-Voltage (V)
35
Ptot = 500 mW
Tamb = 25 °C
0
10
15
20
1
10
100
1000
25
Tj = 25 °C
IZ = 1 mA
5 mA
10 mA
VZ - Z-Voltage (V)
5
1
10
100
1000
tp - Pulse Length (ms)
10 -1
10 0
10 1
10 2
tp/T = 0.5
tp/T = 0.2
tp/T = 0.1
tp/T = 0.05
tp/T = 0.02
tp/T = 0.01
Single Pulse
RthJA = 300 K/W
T = Tjmax - Tamb
iZM = (- V Z + (VZ2 + 4rzj x T/Zthp) 1/2)/(2rzj)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn