Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR08AS-8 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # CR08AS-8
Description  Low Power Use Non-Insulated Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

CR08AS-8 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  CR08AS-8 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd CR08AS-8 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd CR08AS-8 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd CR08AS-8 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd CR08AS-8 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd CR08AS-8 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMD Type
Thyristor
3
www.kexin.com.cn
CR08AS
102
10–2
100
101
7
5
3
2
10–1
7
5
3
2
100
7
5
3
2
7
5
3
2
10–223 57
23 57
101
23 57
102
23 57
23
10–1
VFGM = 6V
VGT = 0.8V
IGT = 100µA
(Tj = 25°C)
PGM = 0.5W
PG(AV) = 0.1W
VGD = 0.2V
IFGM = 0.3A
160
60
–20
–40
0 20 40
80 100120140
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
TYPICAL EXAMPLE
1.0
0.8
0.7
0.6
0.3
0.4
0.1
0
120
–40 –20
20
80
0.2
0.5
0.9
0
60
40
100
TYPICAL EXAMPLE
DISTRIBUTION
1.6
1.2
0.6
0.4
0.2
1.4
1.0
0.8
0
1.6
0
0.4
0.8
1.2 1.4
0.2
0.6
1.0
θ
360°
θ
= 30° 60°
120°
90°
180°
RESISTIVE, INDUCTIVE LOADS
MAXIMUM AVERAGE POWER DISSIPATION
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
MAXIMUM TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION TO AMBIENT)
TIME (s)
ALLOWABLE AMBIENT TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
GATE TRIGGER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
GATE CURRENT (mA)
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
2 3
100
5 7 101 2 3 5 7 102 2 3 5 7 103
101
2 3
10–3
5 710–2 2 3 5 710–1 2 3 5 7 100
103
7
5
3
2
102
7
5
3
2
7
5
3
2
100
ALUMINUM BOARD
WITH SOLDERING
25 25 t0.7
160
120
60
40
20
140
100
80
0
1.6
0
0.4
0.8
1.2 1.4
0.2
0.6
1.0
θ
= 30°
60° 120°
90° 180°
θ
360°
RESISTIVE,
INDUCTIVE
LOADS
NATURAL
CONVECTION
ALUMINUM BOARD
WITH SOLDERING
25 25 t0.7
GATE CHARACTERISTICS


Similar Part No. - CR08AS-8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR08AS-12 RENESAS-CR08AS-12 Datasheet
245Kb / 9P
   Thyristor Low Power Use
CR08AS-12A RENESAS-CR08AS-12A Datasheet
145Kb / 8P
   600V - 0.8A - Thyristor Low Power Use
May 22, 2013
CR08AS-12A-T14 RENESAS-CR08AS-12A-T14 Datasheet
146Kb / 8P
   600V - 0.8A - Thyristor Low Power Use
CR08AS-12A RENESAS-CR08AS-12A_13 Datasheet
146Kb / 8P
   600V - 0.8A - Thyristor Low Power Use
CR08AS-12A RENESAS-CR08AS-12A_15 Datasheet
146Kb / 8P
   600V - 0.8A - Thyristor Low Power Use
More results

Similar Description - CR08AS-8

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR08AS POWEREX-BCR08AS Datasheet
63Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
BCR3AS MITSUBISHI-BCR3AS Datasheet
86Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
CR08AS MITSUBISHI-CR08AS Datasheet
76Kb / 6P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR2AM MITSUBISHI-CR2AM Datasheet
72Kb / 6P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
BCR08AS-8 MITSUBISHI-BCR08AS-8 Datasheet
101Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR3AS POWEREX-BCR3AS Datasheet
86Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
ARTSCHIP ELECTRONICS CO...
CR03AM ARTSCHIP-CR03AM Datasheet
69Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
BCR08AS RENESAS-BCR08AS_15 Datasheet
122Kb / 8P
   LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR03AM MITSUBISHI-CR03AM Datasheet
67Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR05AS MITSUBISHI-CR05AS Datasheet
67Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com