Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFT1P06E Datasheet(PDF) 8 Page - Intersil Corporation

Part # RFT1P06E
Description  1.4A, 60V, 0.285 Ohm, ESD Rated, P-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFT1P06E Datasheet(HTML) 8 Page - Intersil Corporation

  RFT1P06E Datasheet HTML 1Page - Intersil Corporation RFT1P06E Datasheet HTML 2Page - Intersil Corporation RFT1P06E Datasheet HTML 3Page - Intersil Corporation RFT1P06E Datasheet HTML 4Page - Intersil Corporation RFT1P06E Datasheet HTML 5Page - Intersil Corporation RFT1P06E Datasheet HTML 6Page - Intersil Corporation RFT1P06E Datasheet HTML 7Page - Intersil Corporation RFT1P06E Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
4-178
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
SPICE Thermal Model
rev 10/16/97
RFT1P06E
CTHERM1 7 6 1.3e-4
CTHERM2 6 5 5.0e-4
CTHERM3 5 4 2.0e-3
CTHERM4 4 3 5.0e-3
CTHERM5 3 2 4.75e-2
CTHERM6 2 1 3.8e-1
RTHERM1 7 6 4.0e-2
RTHERM2 6 5 9.0e-2
RTHERM3 5 4 5.0e-1
RTHERM4 4 3 3.5
RTHERM5 3 2 20
RTHERM6 2 1 75
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
1
2
3
4
5
6
7
JUNCTION
CASE
RFT1P06E


Similar Part No. - RFT1P06E

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFT1950-08 RFHIC-RFT1950-08 Datasheet
162Kb / 3P
   Power Amplifier
More results

Similar Description - RFT1P06E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFG60P06E INTERSIL-RFG60P06E Datasheet
65Kb / 7P
   60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
logo
Fairchild Semiconductor
RFG60P06E FAIRCHILD-RFG60P06E Datasheet
380Kb / 8P
   60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
logo
Intersil Corporation
RFD8P06LE INTERSIL-RFD8P06LE Datasheet
102Kb / 8P
   8A, 60V, 0.300 Ohm, ESD Rated, Logic Level, P-Channel Power MOSFET
RFG60P05E INTERSIL-RFG60P05E Datasheet
94Kb / 7P
   60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
logo
Fairchild Semiconductor
RFG60P05E FAIRCHILD-RFG60P05E Datasheet
403Kb / 8P
   60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
logo
Intersil Corporation
RFT3055LE INTERSIL-RFT3055LE Datasheet
96Kb / 10P
   2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET
RF1K49221 INTERSIL-RF1K49221 Datasheet
109Kb / 8P
   2.5A, 60V, 0.130 Ohm, ESD Rated, Dual N-Channel LittleFET??Power MOSFET
RFF60P06 INTERSIL-RFF60P06 Datasheet
88Kb / 8P
   25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
logo
Will Semiconductor Ltd.
WPM1488 WILLSEMI-WPM1488 Datasheet
641Kb / 7P
   Single P-Channel, -12V, -1.4A, Power MOSFET
logo
Intersil Corporation
RFD15N06LE INTERSIL-RFD15N06LE Datasheet
95Kb / 8P
   15A, 60V, 0.065 Ohm, ESD Rated, Logic Level, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com