Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RNA55A125FLP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RNA55A125FLP
Description  CMOS System Reset IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA55A125FLP Datasheet(HTML) 4 Page - Renesas Technology Corp

  RNA55A125FLP_15 Datasheet HTML 1Page - Renesas Technology Corp RNA55A125FLP_15 Datasheet HTML 2Page - Renesas Technology Corp RNA55A125FLP_15 Datasheet HTML 3Page - Renesas Technology Corp RNA55A125FLP_15 Datasheet HTML 4Page - Renesas Technology Corp RNA55A125FLP_15 Datasheet HTML 5Page - Renesas Technology Corp RNA55A125FLP_15 Datasheet HTML 6Page - Renesas Technology Corp RNA55A125FLP_15 Datasheet HTML 7Page - Renesas Technology Corp RNA55A125FLP_15 Datasheet HTML 8Page - Renesas Technology Corp RNA55A125FLP_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RNA55A125FLP
Target Specification
R03DS0053EJ0301 Rev.3.01
Page 4 of 11
Mar 01, 2013
Test Circuit
Threshold Operating Voltage VOUL
Detecting Voltage & Hysteresis
VS & VHYS
Minimum operating voltage
VDD
0
VOUT = VDD
VOUT < 0.4 V
V
DD = 0 to 1 V
R
L = 2.2 kΩ
OSC
GND
VIN
OUT
VDD
1
2
3
5
4
R
L = 1 MΩ
VS: Detection voltage
VTH: Release voltage
VHYS
VIN
VS VTH
OSC
GND
VIN
OUT
VDD
1
2
3
5
4
V
IN = 0 V → 3.3 V → 0 V
V
DD = 3.3 V
R
L = 2.2 kΩ
R
L = 1 MΩ
Circuit Current IDD
Output Low Voltage VO
V
DD = 5 V
OSC
GND
VIN
OUT
VDD
5
4
I
DD
A
1
2
3
R
L = 1 MΩ
V
DD = 3.5 V
OSC
GND
VIN
OUT
VDD
5
4
V
O= 0.4 V
I
OL
A
1
2
3
R
L = 1 MΩ


Similar Part No. - RNA55A125FLP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA55A125FLPH1 RENESAS-RNA55A125FLPH1 Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
More results

Similar Description - RNA55A125FLP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
logo
Mitsumi Electronics, Co...
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
logo
Renesas Technology Corp
RNA52A10T RENESAS-RNA52A10T Datasheet
575Kb / 12P
   Dual CMOS system–RESET IC
Dec 19, 2015
logo
Mitsumi Electronics, Co...
PST35XX MITSUMI-PST35XX Datasheet
155Kb / 20P
   IC for CMOS System Reset
logo
Renesas Technology Corp
RNA52A10MM RENESAS-RNA52A10MM Datasheet
159Kb / 11P
   Dual CMOS system-RESET IC
logo
Mitsumi Electronics, Co...
IC-PST81XX MITSUMI-IC-PST81XX Datasheet
157Kb / 11P
   IC for CMOS System Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com