Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP4N100 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFP4N100
Description  4.3A, 1000V, 3.500 Ohm, High Voltage, N-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP4N100 Datasheet(HTML) 3 Page - Intersil Corporation

  RFP4N100 Datasheet HTML 1Page - Intersil Corporation RFP4N100 Datasheet HTML 2Page - Intersil Corporation RFP4N100 Datasheet HTML 3Page - Intersil Corporation RFP4N100 Datasheet HTML 4Page - Intersil Corporation RFP4N100 Datasheet HTML 5Page - Intersil Corporation RFP4N100 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-530
Typical Performance Curves TC = 25oC, Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. UNCLAMPED INDUCTIVE SWITCHING SOA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
TA, AMBIENT TEMPERATURE (
oC)
0.0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
4.5
3.0
1.5
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (
oC)
4.0
1.0
0.5
3.5
2.5
2.0
110
100
1000
VDS, DRAIN TO SOURCE VOLTAGE (V)
100
10
1
0.1
0.01
BY rDS(ON)
AREA MAY BE LIMITED
OPERATION IN THIS
RFP4N100, RF1S4N100SM
10
µs
100
µs
1ms
10ms
TC = 25
oC
TJ = MAX RATED
SINGLE PULSE
DC
0.01
0.10
1
10
tAV, TIME IN AVALANCHE (ms)
100
10
1
Idm
STARTING TJ = 25
oC
STARTING TJ = 150
oC
IF R = 0
tav = (L)(Ias) / (1.3 x RATED BVDSS - VDD)
IF R
≠ 0
tav = (L/R) In ((Ias x R) / (1.3 x RATED BVDSS - VDD) + 1)
0
100
200
300
400
500
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
8
6
4
2
0
VGS = 6V
VGS = 5V
VGS = 4V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
1020304050
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
8
6
4
2
0
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 6V
VGS = 5V
VGS = 4V
RFP4N100, RF1S4N100SM


Similar Part No. - RFP4N100

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
RFP4N100 NJSEMI-RFP4N100 Datasheet
101Kb / 2P
   4.3A, 1000V, 3.500 Ohm, High Voltage, N-Channel Power MOSFETs
More results

Similar Description - RFP4N100

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
RFP4N100 NJSEMI-RFP4N100 Datasheet
101Kb / 2P
   4.3A, 1000V, 3.500 Ohm, High Voltage, N-Channel Power MOSFETs
logo
Intersil Corporation
IRFPG40 INTERSIL-IRFPG40 Datasheet
46Kb / 6P
   4.3A, 1000V, 3.500 Ohm, N-Channel Power MOSFET
RFP2P08 INTERSIL-RFP2P08 Datasheet
39Kb / 5P
   -2A, -80V and -100V, 3.500 Ohm, P-Channel Power MOSFETs
RFP2N20 INTERSIL-RFP2N20 Datasheet
40Kb / 5P
   2A, 200V, 3.500 Ohm, N-Channel Power MOSFET
logo
STMicroelectronics
STW5NB100 STMICROELECTRONICS-STW5NB100 Datasheet
54Kb / 5P
   N - CHANNEL 1000V - 4ohm - 4.3A - TO-247 PowerMESH MOSFET
logo
Intersil Corporation
RFP2N20L INTERSIL-RFP2N20L Datasheet
35Kb / 5P
   2A, 200V, 3.500 Ohm, Logic Level, N-Channel Power MOSFET
logo
International Rectifier
IRFPG40 IRF-IRFPG40 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=1000V, Rds(on)=3.5ohm, Id=4.3A)
logo
DONGGUAN YOU FENG WEI E...
YFW2302C YFWDIODE-YFW2302C Datasheet
1,017Kb / 6P
   4.3A, 20V N-CHANNEL MOSFET
logo
New Jersey Semi-Conduct...
STP5NK80Z NJSEMI-STP5NK80Z Datasheet
292Kb / 3P
   N-CHANNEL 800V - 1.9Q - 4.3A
logo
DONGGUAN YOU FENG WEI E...
YFW2300A YFWDIODE-YFW2300A Datasheet
906Kb / 5P
   4.3A, 20V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com