Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH60D7DPM Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RJH60D7DPM
Description  600V - 50A - IGBT Application: Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60D7DPM Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RJH60D7DPM_15 Datasheet HTML 2Page - Renesas Technology Corp RJH60D7DPM_15 Datasheet HTML 3Page - Renesas Technology Corp RJH60D7DPM_15 Datasheet HTML 4Page - Renesas Technology Corp RJH60D7DPM_15 Datasheet HTML 5Page - Renesas Technology Corp RJH60D7DPM_15 Datasheet HTML 6Page - Renesas Technology Corp RJH60D7DPM_15 Datasheet HTML 7Page - Renesas Technology Corp RJH60D7DPM_15 Datasheet HTML 8Page - Renesas Technology Corp RJH60D7DPM_15 Datasheet HTML 9Page - Renesas Technology Corp RJH60D7DPM_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RJH60D7DPM
Preliminary
R07DS0176EJ0400 Rev.4.00
Page 7 of 9
Dec 07, 2012
0.01
1
0.1
10
100
μ
1 m
10 m
100 m
1
100
PDM
PW
T
D =
PW
T
θj – c(t) = γs (t) • θj – c
θj – c = 2.27°C/W, Tc = 25°C
0.05
0.02
0.2
0.1
0.5
D = 1
Tc = 25
°C
0.01
1 shot
pulse
10
Pulse Width
PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width (IGBT)
Pulse Width
PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width (Diode)
0.01
1
0.1
10
100
μ
1 m
10 m
100 m
1
100
10
PDM
PW
T
D =
PW
T
θj – c(t) = γs (t) • θj – c
θj – c = 3.95°C/W, Tc = 25°C
0.05
0.02
0.2
0.1
0.5
D = 1
Tc = 25
°C
0.01
1 shot pulse


Similar Part No. - RJH60D7DPM_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D7DPM RENESAS-RJH60D7DPM Datasheet
90Kb / 8P
   Silicon N Channel IGBT Application: Inverter
More results

Similar Description - RJH60D7DPM_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D7DPQ-E0 RENESAS-RJH60D7DPQ-E0 Datasheet
113Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJH60M7DPQ-E0 RENESAS-RJH60M7DPQ-E0 Datasheet
247Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJH60M7DPQ-E0 RENESAS-RJH60M7DPQ-E0_15 Datasheet
247Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJH60D7BDPQ-E0 RENESAS-RJH60D7BDPQ-E0 Datasheet
333Kb / 10P
   600V - 50A - IGBT Application: Inverter
Jul 20, 2016
RJH60D7BDPQ-E0 RENESAS-RJH60D7BDPQ-E0_15 Datasheet
126Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJH60D7DPK RENESAS-RJH60D7DPK_15 Datasheet
107Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJH60D7DPQ-E0 RENESAS-RJH60D7DPQ-E0_15 Datasheet
113Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJH60D7ADPK RENESAS-RJH60D7ADPK_15 Datasheet
114Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJP65M04DWA RENESAS-RJP65M04DWA Datasheet
146Kb / 4P
   650V - 50A - IGBT Application: Inverter
Nov. 06, 2015
RJP65S04DWT RENESAS-RJP65S04DWT Datasheet
62Kb / 4P
   650V - 50A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com