Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP42N03L Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFP42N03L
Description  42A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP42N03L Datasheet(HTML) 3 Page - Intersil Corporation

  RFP42N03L Datasheet HTML 1Page - Intersil Corporation RFP42N03L Datasheet HTML 2Page - Intersil Corporation RFP42N03L Datasheet HTML 3Page - Intersil Corporation RFP42N03L Datasheet HTML 4Page - Intersil Corporation RFP42N03L Datasheet HTML 5Page - Intersil Corporation RFP42N03L Datasheet HTML 6Page - Intersil Corporation RFP42N03L Datasheet HTML 7Page - Intersil Corporation RFP42N03L Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6-269
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
20
10
0
25
50
75
100
125
150
40
TC, CASE TEMPERATURE (
oC)
50
175
30
t, RECTANGULAR PULSE DURATION (s)
101
10-3
10-2
10-1
100
1
10-5
10-4
2
0.01
0.1
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJC x RθJC + TC
PDM
t1
t2
0.01
0.02
0.05
0.1
0.2
0.5
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
50
1
500
10
1
DC
100
µs
100ms
1ms
10ms
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
100
TC = 25
oC, T
J = 175
oC
t, PULSE WIDTH (s)
10
10-5
10-4
10-3
10-2
10-1
100
101
100
500
I
= I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
VGS = 5V
TC = 25
oC
VGS = 10V
RFP42N03L, RF1S42N03LSM


Similar Part No. - RFP42N03L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP40N10 FAIRCHILD-RFP40N10 Datasheet
371Kb / 6P
   40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP40N10 INTERSIL-RFP40N10 Datasheet
51Kb / 6P
   40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFP40N10 VBSEMI-RFP40N10 Datasheet
947Kb / 7P
   N-Channel 100-V (D-S) MOSFET
logo
Intersil Corporation
RFP40N10LE INTERSIL-RFP40N10LE Datasheet
413Kb / 8P
   40A, 100V, 0.040 Ohm, Logic Level N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFP40N10LE VBSEMI-RFP40N10LE Datasheet
949Kb / 7P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - RFP42N03L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITF86110DK8T INTERSIL-ITF86110DK8T Datasheet
200Kb / 13P
   7.5A, 30V, 0.025 Ohm, Dual N-Channel, Logic Level, Power MOSFET
RFD16N03L INTERSIL-RFD16N03L Datasheet
107Kb / 8P
   16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
HUF76429P3 FAIRCHILD-HUF76429P3 Datasheet
207Kb / 10P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76429P3 INTERSIL-HUF76429P3 Datasheet
332Kb / 9P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
ITF86116SQT INTERSIL-ITF86116SQT Datasheet
199Kb / 12P
   10A, 30V, 0.012 Ohm, N-Channel, Logic Level, Power MOSFET
HUF76112SK8 INTERSIL-HUF76112SK8 Datasheet
255Kb / 12P
   7.5A, 30V, 0.026 Ohm, N-Channel, Logic Level Power MOSFET
RFD20N03 INTERSIL-RFD20N03 Datasheet
76Kb / 8P
   20A, 30V, 0.025 Ohm, N-Channel Power MOSFETs
ITF86130SK8T INTERSIL-ITF86130SK8T Datasheet
170Kb / 11P
   14A, 30V, 0.0078 Ohm, N-Channel, Logic Level, Power MOSFET
logo
Fairchild Semiconductor
HUFA76429P3 FAIRCHILD-HUFA76429P3 Datasheet
208Kb / 10P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76113SK8 INTERSIL-HUF76113SK8 Datasheet
384Kb / 11P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com