Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ESD03R Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part No. ESD03R
Description  150 W Transient Voltage Suppressors Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ESD03R Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  ESD03R_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ESD03R_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
ESD03R
VOLTAGE: 3.3V
150 W Transient Voltage Suppressors Diode
F
MARKING CODE
EATURES
. IE
Z
E
C61000-4-2 level 4 ESD protection
MAXIMUM RA
. Response time is typically < 1 ns
. Low leakage
. Stand-off voltage:3.3V
. ESD rating of class 3 (> 16 kV) per human body model
DESCRIPTION
. Designed to protect voltage sensitive components from ESD.
. Excellent clamping capability, low leakage and fast response.
. Cellular phones, MP3 players, digital cameras ... etc.
. Suitable for electronics where board space is a major design consideration.
TINGS
Rating 25 C
o
TYPE NUMBER
SYMBOL
LIMITS
UNITS
Total Power Dissipation on FR-5 board (Note 1)
PD
200
o
mW
C/W
oC
oC
ESD Voltage
p
per machine model
er human body model
VESD
16
400
kV
V
Lead Solder Temperature - Max. (10 sec duration)
TL
260
Thermal Resistance Junction-to-ambient
RθJA
625
Junction and Storage Temperature Range
TJ T
, STG
-55 ~ +150
IEC61000-4-2 (ESD)
Air
Contact
+/-
30
kV
Stresses exceeding "Maximum Ratings" may damage the device. "Maximum Ratings" are stress ratings only. Functional operation above
the recommended. Operating conditions is not implied. Extended exposure to stresses above the recommended operating conditions
may affect device reliability.
1. FR-5 = 1.0 x 0.75 x 0.62 in.
ambient temperature unless otherwise specified.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Page 1 of
2
24-Aug-2007 Rev. A
SOD-523
Dimensions in millimeters
0.8±0.05
CATHODE MARK
0.6±0.1
0.1±0.05
0.3±0.05
+/-
30
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn