Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RFP2P08 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. RFP2P08
Description  -2A, -80V and -100V, 3.500 Ohm, P-Channel Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

RFP2P08 Datasheet(HTML) 4 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
FIGURE 7. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 8. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 9. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Harris Application Notes AN7254 and AN7260.
FIGURE 10. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT
Typical Performance Curves Unless otherwise Specified (Continued)
1.5
1
0.5
-50
0
50
100
150
TJ, JUNCTION TEMPERATURE (
oC)
VGS = -10V
ID = -2A
2
PULSE DURATION = 80
µs
1.2
1.0
-50
0
50
100
TJ, JUNCTION TEMPERATURE (
oC)
1.4
0.9
0.8
0.7
0.6
1.1
1.3
150
VDS = -5V
ID = 250µA
0
-10
-20
-30
-40
-50
VDS, DRAIN TO SOURCE VOLTAGE (V)
100
80
60
40
20
0
COSS
CRSS
120
140
160
CISS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
0.75BVDSS 0.75BVDSS
0.50BVDSS
0.25BVDSS
0.25BVDSS
GATE
SOURCE
VOLTAGE
VDD = BVDSS
VDD = BVDSS
IG (REF)
IG (ACT)
20
80
DRAIN SOURCE
IG (REF)
IG (ACT)
RL = 50Ω
IG(REF) = 0.095mA
VGS = -10V
t, TIME (
µs)
100
75
50
25
0
10
8
6
4
0
2
0.50BVDSS
VOLTAGE
Test Circuit and Waveforms
FIGURE 11. SWITCHING TIME TEST CIRCUIT
FIGURE 12. RESISTIVE SWITCHING WAVEFORMS
VGS
RL
RG
DUT
+
-
VDD
td(ON)
tr
90%
10%
VDS
90%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
10%
0
0
RFP2P08, RFP2P10


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn